| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F6490 bảng dữ liệu(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F6490 bảng dữ liệu(HTML) 21 Page - Microchip Technology |
|
21 / 414 page ![]() © 2007 Microchip Technology Inc. DS39629C-page 19 PIC18F6390/6490/8390/8490 PORTG is a bidirectional I/O port. RG0/SEG30 RG0 SEG30 3 I/O O ST Analog Digital I/O. SEG30 output for LCD. RG1/TX2/CK2/SEG29 RG1 TX2 CK2 SEG29 4 I/O O I/O O ST — ST Analog Digital I/O. AUSART2 asynchronous transmit. AUSART2 synchronous clock (see related RX2/DT2). SEG29 output for LCD. RG2/RX2/DT2/SEG28 RG2 RX2 DT2 SEG28 5 I/O I I/O O ST ST ST Analog Digital I/O. AUSART2 asynchronous receive. AUSART2 synchronous data (see related TX2/CK2). SEG28 output for LCD. RG3/SEG27 RG3 SEG27 6 I/O O ST Analog Digital I/O. SEG27 output for LCD. RG4/SEG26 RG4 SEG26 8 I/O O ST Analog Digital I/O. SEG26 output for LCD. RG5 See MCLR/VPP/RG5 pin. VSS 9, 25, 41, 56 P — Ground reference for logic and I/O pins. VDD 10, 26, 38, 57 P — Positive supply for logic and I/O pins. AVSS 20 P — Ground reference for analog modules. AVDD 19 P — Positive supply for analog modules. TABLE 1-2: PIC18F6X90 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description TQFP Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels Analog = Analog input I = Input O = Output P = Power OD = Open-Drain (no P diode to VDD) Note 1: Default assignment for CCP2 when Configuration bit, CCP2MX, is set. 2: Alternate assignment for CCP2 when Configuration bit, CCP2MX, is cleared. |