công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F6490 bảng dữ liệu(PDF) 3 Page - Microchip Technology

tên linh kiện PIC18F6490
Giải thích chi tiết về linh kiện  64/80-Pin Flash Microcontrollers with LCD Driver and nanoWatt Technology
PDF  414 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6490 bảng dữ liệu(HTML) 3 Page - Microchip Technology

  PIC18F6490 Datasheet HTML 1Page - Microchip Technology PIC18F6490 Datasheet HTML 2Page - Microchip Technology PIC18F6490 Datasheet HTML 3Page - Microchip Technology PIC18F6490 Datasheet HTML 4Page - Microchip Technology PIC18F6490 Datasheet HTML 5Page - Microchip Technology PIC18F6490 Datasheet HTML 6Page - Microchip Technology PIC18F6490 Datasheet HTML 7Page - Microchip Technology PIC18F6490 Datasheet HTML 8Page - Microchip Technology PIC18F6490 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 414 page
background image
© 2007 Microchip Technology Inc.
DS39629C-page 1
PIC18F6390/6490/8390/8490
LCD Driver Module Features:
• Direct Driving of LCD Panel
• Up to 48 Segments: Software Selectable
• Programmable LCD Timing module:
- Multiple LCD timing sources available
- Up to 4 commons: Static, 1/2, 1/3 or 1/4 multiplex
- Static, 1/2 or 1/3 bias configuration
• Can drive LCD Panel while in Sleep mode
Power-Managed Modes:
• Run: CPU On, Peripherals On
• Idle: CPU Off, Peripherals On
• Sleep: CPU Off, Peripherals Off
• Run mode Currents Down to 14.0
μA Typical
• Idle mode Currents Down to 5.8
μA Typical
• Sleep Current Down to 0.1
μA Typical
• Timer1 Oscillator: 1.8
μA, 32 kHz, 2V
• Watchdog Timer: 2.1
μA
• Two-Speed Oscillator Start-up
Flexible Oscillator Structure:
• Four Crystal modes:
- LP: up to 200 kHz
- XT: up to 4 MHz
- HS: up to 40 MHz
- HSPLL: 4-10 MHz (16-40 MHz internal)
• 4x Phase Lock Loop (available for crystal and
internal oscillators)
• Two External RC modes, up to 4 MHz
• Two External Clock modes, up to 40 MHz
• Internal Oscillator Block:
- 8 user-selectable frequencies, from 31 kHz to 8 MHz
- Provides a complete range of clock speeds
from 31 kHz to 32 MHz when used with PLL
- User-tunable to compensate for frequency drift
• Secondary Oscillator using Timer1 @ 32 kHz
• Fail-Safe Clock Monitor:
- Allows for safe shut down of device if primary
or secondary clock fails
Peripheral Highlights:
• High-Current Sink/Source 25 mA/25 mA
• Four External Interrupts
• Four Input Change Interrupts
• Four 8-Bit/16-Bit Timer/Counter modules
• Real-Time Clock (RTC) Software module:
- Configurable 24-hour clock, calendar, automatic
100-year or 12800-year, day-of-week calculator
- Uses Timer1
• Up to 2 Capture/Compare/PWM (CCP) modules
• Master Synchronous Serial Port (MSSP) module
supporting 3-Wire SPI (all 4 modes) and I2C™
Master and Slave modes
• Addressable USART module:
- Supports RS-485 and RS-232
• Enhanced Addressable USART module:
- Supports RS-485, RS-232 and LIN 1.2
- Auto-wake-up on Start bit
- Auto-Baud Detect
• 10-Bit, up to 12-Channel Analog-to-Digital (A/D)
Converter module:
- Auto-acquisition capability
- Conversion available during Sleep
• Dual Analog Comparators with Input Multiplexing
Special Microcontroller Features:
• C Compiler Optimized Architecture:
- Optional extended instruction set designed to
optimize re-entrant code
• 1000 Erase/Write Cycle Flash Program Memory Typical
• Flash Retention: 100 Years Typical
• Priority Levels for Interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
- Programmable period from 4 ms to 132s
- 2% stability over VDD and temperature
• In-Circuit Serial Programming™ (ICSP™) via Two Pins
• In-Circuit Debug (ICD) via Two Pins
• Wide Operating Voltage Range: 2.0V to 5.5V
Device
Program Memory
Data
Memory
I/O
LCD
(pixel)
10-Bit
A/D (ch)
CCP
(PWM)
MSSP
Comparators
Timers
8/16-Bit
Flash
(bytes)
# Single-Word
Instructions
SRAM
(bytes)
SPI
Master
I2C™
PIC18F6390
8K
4096
768
50
128
12
2
Y
Y
1/1
2
1/3
PIC18F6490
16K
8192
768
50
128
12
2
Y
Y
1/1
2
1/3
PIC18F8390
8K
4096
768
66
192
12
2
Y
Y
1/1
2
1/3
PIC18F8490
16K
8192
768
66
192
12
2
Y
Y
1/1
2
1/3
64/80-Pin Flash Microcontrollers with LCD Driver
and nanoWatt Technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com