| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F1934-E/ML bảng dữ liệu(PDF) 175 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1934-E/ML bảng dữ liệu(HTML) 175 Page - Microchip Technology |
|
175 / 418 page ![]() © 2008 Microchip Technology Inc. Preliminary DS41364A-page 173 PIC16F193X/LF193X 17.0 TIMER2/4/6 MODULES There are three identical Timer2-type modules available. To maintain pre-existing naming conventions, the Timers are called Timer2, Timer4 and Timer6 (also Timer2/4/6). The Timer2/4/6 modules incorporate the following features: • 8-bit Timer and Period registers (TMRx and PRx, respectively) • Readable and writable (both registers) • Software programmable prescaler (1:1, 1:4, 1:16, and 1:64) • Software programmable postscaler (1:1 to 1:16) • Interrupt on TMRx match with PRx, respectively • Optional use as the shift clock for the MSSPx modules (Timer2 only) See Figure 17-1 for a block diagram of Timer2/4/6. FIGURE 17-1: TIMER2/4/6 BLOCK DIAGRAM Comparator TMRx Sets Flag TMRx Output Reset Postscaler Prescaler PRx 2 FOSC/4 1:1 to 1:16 1:1, 1:4, 1:16, 1:64 EQ 4 bit TMRxIF TxOUTPS<3:0> TxCKPS<1:0> |