| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F1934-E/ML bảng dữ liệu(PDF) 89 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1934-E/ML bảng dữ liệu(HTML) 89 Page - Microchip Technology |
|
89 / 418 page ![]() © 2008 Microchip Technology Inc. Preliminary DS41364A-page 87 PIC16F193X/LF193X 6.2.2 PORTA FUNCTIONS AND OUTPUT PRIORITIES Each PORTA pin is multiplexed with other functions. The pins, their combined functions and their output priorities are briefly described here. For additional information, refer to the appropriate section in this data sheet. When multiple outputs are enabled, the actual pin control goes to the peripheral with the lowest number in the following lists. RA0 1. VCAP (enabled by Configuration Word) 2. SEG12 (LCD) 3. SRNQ (SR Latch) 4. C2OUT (Comparator) 5. RA0 RA1 1. SEG7 (LCD) 2. RA1 RA2 1. COM2 (LCD) 2. DACOUT (DAC) 3. RA2 RA3 1. COM3 (LCD), 28-pin only 2. SEG15 (LCD) 3. RA3 RA4 1. SEG4 (LCD) 2. SRQ (SR Latch) 3. C1OUT (Comparator) 4. CCP5 (CCP), 28-pin only 5. RA4 RA5 1. VCAP (enabled by Configuration Word) 2. SEG5 (LCD) 3. SRNQ (SR Latch) 4. C2OUT (Comparator) 5. RA5 RA6 1. VCAP (enabled by Configuration Word) 2. OSC2 (enabled by Configuration Word) 3. CLKOUT (enabled by Configuration Word) 4. SEG1 (LCD) 5. RA6 RA7 1. OSC1/CLKIN (enabled by Configuration Word) 2. SEG2 (LCD) 3. RA7 |