công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1934-E/ML bảng dữ liệu(PDF) 26 Page - Microchip Technology

tên linh kiện PIC16F1934-E/ML
Giải thích chi tiết về linh kiện  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/ML bảng dữ liệu(HTML) 26 Page - Microchip Technology

Back Button PIC16F1934-E/ML Datasheet HTML 22Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 23Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 24Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 25Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 26Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 27Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 28Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 29Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 418 page
background image
PIC16F193X/LF193X
DS41364A-page 24
Preliminary
© 2008 Microchip Technology Inc.
2.2
Data Memory Organization
The data memory is partitioned in up to 32 memory
banks with up to 128 bytes in a bank. Each bank
consists of 12 core registers, 20 Special Function
Registers (SFR), 16 common registers, and up to 80
bytes of General Purpose Registers (GPR). The active
bank is selected by writing the bank number into the
Bank Select Register (BSR). Unimplemented memory
will read as ‘0’. All banks contain the core SFRs and
common registers. Unimplemented SFRs or GPRs will
read as ‘0’. All data memory can be accessed either
directly (via instructions that use the file registers) or
indirectly via the two File Select Registers (FSR). See
Section 2.5 “Indirect Addressing, INDF and FSR
Registers” for more information.
2.2.1
GENERAL PURPOSE REGISTER
FILE
The general purpose register file is an 8-bit RAM
memory for use by your application. There are up to
80 bytes of GPR in each data memory bank.
2.2.2
SPECIAL FUNCTION REGISTER
The Special Function Registers are registers used by
the application to control the desired operation of
peripheral functions in the device. The Special Function
Registers can be classified into two sets: core and
peripheral. The Special Function Registers associated
with the “core” are described in the following sections.
The registers associated with the operation of the
peripherals are described in the appropriate peripheral
chapter of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com