công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F1934-E/ML bảng dữ liệu(PDF) 25 Page - Microchip Technology

tên linh kiện PIC16F1934-E/ML
Giải thích chi tiết về linh kiện  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1934-E/ML bảng dữ liệu(HTML) 25 Page - Microchip Technology

Back Button PIC16F1934-E/ML Datasheet HTML 21Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 22Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 23Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 24Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 25Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 26Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 27Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 28Page - Microchip Technology PIC16F1934-E/ML Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 418 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS41364A-page 23
PIC16F193X/LF193X
FIGURE 2-3:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC16F1938/PIC16LF1938/
PIC16F1939/PIC16LF1939
2.1.1
READING PROGRAM MEMORY AS
DATA
There are two methods of accessing constants in pro-
gram memory. The first method is to use tables of
RETLW
instructions. The second method is to set an
FSR to point to the program memory.
2.1.1.1
RETLW
Instruction
The RETLW instruction can be used to provide access
to tables of constants. The recommended way to create
such a table is shown in Example 2-1.
EXAMPLE 2-1:
RETLW
INSTRUCTION
The BRW instruction makes this type of table very sim-
ple to implement. If your code must remain portable
with previous generations of microcontrollers, then the
BRW instruction is not available so the older table read
method must be used.
2.1.1.2
Indirect Read with FSR
The program memory can be accessed as data by set-
ting bit 7 of the FSRxH register and reading the match-
ing INDFx register. The MOVIW instruction will place the
lower 8 bits of the addressed word in the W register.
Writes to the program memory cannot be performed via
the INDF registers. Instructions that access the pro-
gram memory via the FSR require one extra instruction
cycle to complete. Example 2-2 demonstrates access-
ing the program memory via an FSR.
EXAMPLE 2-2:
ACCESSING PROGRAM
MEMORY VIA FSR
PC<14:0>
15
0000h
0004h
Stack Level 0
Stack Level 15
Reset Vector
Interrupt Vector
Stack Level 1
0005h
On-chip
Program
Memory
Page 0
07FFh
Rollover to Page 0
0800h
0FFFh
1000h
7FFFh
Page 1
Rollover to Page 7
Page 2
Page 3
17FFh
1800h
1FFFh
2000h
Page 4
Page 7
3FFFh
4000h
CALL, CALLW
RETURN, RETLW
INTERRUPT, RETFIE
constants
brw
retlw DATA1
retlw DATA2
retlw DATA3
retlw DATA4
my_function
;… LOTS OF CODE…
movlw
DATA_INDEX
call constants
;… THE CONSTANT IS IN W
bsf FSR1H,7
moviw 0[INDF1]
;THE PROGRAM MEMORY IS IN W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com