công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PPC5125YVN400 bảng dữ liệu(PDF) 33 Page - Freescale Semiconductor, Inc

tên linh kiện PPC5125YVN400
Giải thích chi tiết về linh kiện  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5125YVN400 bảng dữ liệu(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button PPC5125YVN400 Datasheet HTML 29Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 30Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 31Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 32Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 33Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 34Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 35Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 36Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
TMS
—
ALT0
ALT1
ALT2
ALT3
TMS
—
—
—
JTAG
—
—
—
I
—
—
—
VDD_IO
3. This JTAG pin has an
internal pullup P-FET, and
cannot be configured.
D15
TRST
—ALT0
ALT1
ALT2
ALT3
TRST
—
—
—
JTAG
—
—
—
I
—
—
—
VDD_IO
3. This JTAG pin has an
internal pullup P-FET, and
cannot be configured.
D16
System Control
HRESET
—ALT0
ALT1
ALT2
ALT3
HRESET
—
—
—
—
—
—
I
—
—
—
VDD_IO
1. This pin is an input or
open-drain output, and have
internal pull-up P-FETs. This
pin can not be configured.
5. This pin contains an
enabled internal
schmitt-trigger.
A17
PORESET
—ALT0
ALT1
ALT2
ALT3
PORESET
—
—
—
—
—
—
I
—
—
—
VDD_IO
1. This pin is an input or
open-drain output, and have
internal pull-up P-FETs. This
pin can not be configured.
2. This pin is an input only.
This pin cannot be configured.
5. This pin contains an
enabled internal
schmitt-trigger.
C17
SRESET
—ALT0
ALT1
ALT2
ALT3
SRESET
—
—
—
—
—
—
I
—
—
—
VDD_IO
1. This pin is an input or
open-drain output, and have
internal pull-up P-FETs. This
pin can not be configured.
5. This pin contains an
enabled internal
schmitt-trigger.
A18
Table 2. MPC5125 Pin Multiplexing (continued)
Pin
Pad I/O
Control
Register1
and Offset2
Alternate
Function3
Functions4
Peripheral5
I/O
Direction
Power Domain
Notes
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com