| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PPC5125YVN400 bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
PPC5125YVN400 bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc |
|
3 / 92 page ![]() Ordering Information MPC5125 Microcontroller Data Sheet, Rev. 3 Freescale Semiconductor 3 1 Ordering Information Figure 1. MPC5125 Orderable Part Number Description Table 1 shows the orderable part numbers for the MPC5125. Table 1. MPC5125 Orderable Part Numbers Freescale Part Number1 NOTES: 1 All packaged devices are PPC5125, rather than MPC125, until product qualifications are complete. Package Description Speed (MHz) Operating Temperature2 2 The lowest ambient operating temperature (T A) is referenced by TL; the highest junction temperature is referenced by TH. Max3 (fMAX) 3 Maximum speed is the maximum frequency allowed including frequency modulation (FM). Min (TL) Max (TH) MPC5125YVN400 MPC5125 324TEPBGA package Lead-free (PbFree) 400 MHz core 200 MHz bus –40 °C 125 °C MPC Y 400 R Qualification status Core code Device number Temperature range Package identifier Operating frequency (MHz) Tape and reel status Temperature Range Y = –40 °C to 125 °C, junction Package Identifier VN = 324 TEPBGA Pb-free Operating Frequency 400 = 400 MHz Tape and Reel Status R = Tape and reel (blank) = Trays Qualification Status P = Pre qualification M = Fully spec. qualified, general market flow S = Fully spec. qualified, automotive flow Note: Not all options are available on all devices. Refer to Table 1. 5125 VN |