công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F23K20-E/ML bảng dữ liệu(PDF) 7 Page - Microchip Technology

tên linh kiện PIC18F23K20-E/ML
Giải thích chi tiết về linh kiện  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K20-E/ML bảng dữ liệu(HTML) 7 Page - Microchip Technology

Back Button PIC18F23K20-E/ML Datasheet HTML 3Page - Microchip Technology PIC18F23K20-E/ML Datasheet HTML 4Page - Microchip Technology PIC18F23K20-E/ML Datasheet HTML 5Page - Microchip Technology PIC18F23K20-E/ML Datasheet HTML 6Page - Microchip Technology PIC18F23K20-E/ML Datasheet HTML 7Page - Microchip Technology PIC18F23K20-E/ML Datasheet HTML 8Page - Microchip Technology PIC18F23K20-E/ML Datasheet HTML 9Page - Microchip Technology PIC18F23K20-E/ML Datasheet HTML 10Page - Microchip Technology PIC18F23K20-E/ML Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 456 page
background image
 2010 Microchip Technology Inc.
DS41303G-page 7
PIC18F2XK20/4XK20
TABLE 1:
PIC18F4XK20 PIN SUMMARY
2
19
19
RA0
AN0
C12IN0-
3
20
20
RA1
AN1
C12IN1-
———
4
21
21
RA2
AN2
C2IN+
VREF-/
CVREF
5
22
22
RA3
AN3
C1IN+
VREF+
———
6
23
23
RA4
C1OUT
T0CKI
7
24
24
RA5
AN4
C2OUT
HLVDIN
——
SS
———
14
31
33
RA6
OSC2/
CLKOUT
13
30
32
RA7
———
OSC1/CLKIN
33
8
9
RB0
AN12
FLT0
INT0
Yes
34
9
10
RB1
AN10
C12IN3-
——
INT1
Yes
35
10
11
RB2
AN8
INT2
Yes
36
11
12
RB3
AN9
C12IN2-
CCP2(1)
——
Yes
37
14
14
RB4
AN11
KBI0
Yes
38
15
15
RB5
——
KBI1
Yes
PGM
39
16
16
RB6
KBI2
Yes
PGC
40
17
17
RB7
——
KBI3
Yes
PGD
15
32
34
RC0
T1OSO/
T13CKI
16
35
35
RC1
——
CCP2(2)
——
T1OSI
———
17
36
36
RC2
CCP1/
P1A
18
37
37
RC3
——
SCK/
SCL
———
23
42
42
RC4
SDI/
SDA
24
43
43
RC5
——
SDO
———
25
44
44
RC6
TX/CK
26
1
1
RC7
——
RX/DT
———
19
38
38
RD0
PSP0
20
39
39
RD1
——
PSP1
——
21
40
40
RD2
PSP2
22
41
41
RD3
——
PSP3
——
27
2
2
RD4
PSP4
28
3
3
RD5
——
P1B
——
PSP5
——
29
4
4
RD6
P1C
PSP6
30
5
5
RD7
——
P1D
——
PSP7
——
8
25
25
RE0
AN5
RD
9
26
26
RE1
AN6
——
WR
——
10
27
27
RE2
AN7
CS
118
18
RE3(3)
———
MCLR/VPP
11
7
7
VDD
32
28
28
———
VDD
12
6
6
VSS
31
29
30
———
VSS
NC
8
VDD
–NC
29
———
VDD
–-
NC
31
VSS
Note 1:
CCP2 multiplexed with RB3 when CONFIG3H<0> = 0
2:
CCP2 multiplexed with RC1 when CONFIG3H<0> = 1
3:
Input-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More