công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C6722BRFP300 bảng dữ liệu(PDF) 84 Page - Texas Instruments

tên linh kiện TMS320C6722BRFP300
Giải thích chi tiết về linh kiện  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6722BRFP300 bảng dữ liệu(HTML) 84 Page - Texas Instruments

Back Button TMS320C6722BRFP300 Datasheet HTML 80Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 81Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 82Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 83Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 84Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 85Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 86Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 87Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 118 page
background image
4.14.2 SPI Peripheral Registers Description(s)
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
www.ti.com
Table 4-26 is a list of the SPI registers.
Table 4-26. SPIx Configuration Registers
SPI0
SPI1
REGISTER NAME
DESCRIPTION
BYTE ADDRESS
BYTE ADDRESS
0x4700 0000
0x4800 0000
SPIGCR0
Global Control Register 0
0x4700 0004
0x4800 0004
SPIGCR1
Global Control Register 1
0x4700 0008
0x4800 0008
SPIINT0
Interrupt Register
0x4700 000C
0x4800 000C
SPILVL
Interrupt Level Register
0x4700 0010
0x4800 0010
SPIFLG
Flag Register
0x4700 0014
0x4800 0014
SPIPC0
Pin Control Register 0 (Pin Function)
0x4700 0018
0x4800 0018
SPIPC1
Pin Control Register 1 (Pin Direction)
0x4700 001C
0x4800 001C
SPIPC2
Pin Control Register 2 (Pin Data In)
0x4700 0020
0x4800 0020
SPIPC3
Pin Control Register 3 (Pin Data Out)
0x4700 0024
0x4800 0024
SPIPC4
Pin Control Register 4 (Pin Data Set)
0x4700 0028
0x4800 0028
SPIPC5
Pin Control Register 5 (Pin Data Clear)
0x4700 002C
0x4800 002C
Reserved
Reserved - Do not write to this register
0x4700 0030
0x4800 0030
Reserved
Reserved - Do not write to this register
0x4700 0034
0x4800 0034
Reserved
Reserved - Do not write to this register
0x4700 0038
0x4800 0038
SPIDAT0
Shift Register 0 (without format select)
0x4700 003C
0x4800 003C
SPIDAT1
Shift Register 1 (with format select)
0x4700 0040
0x4800 0040
SPIBUF
Buffer Register
0x4700 0044
0x4800 0044
SPIEMU
Emulation Register
0x4700 0048
0x4800 0048
SPIDELAY
Delay Register
0x4700 004C
0x4800 004C
SPIDEF
Default Chip Select Register
0x4700 0050
0x4800 0050
SPIFMT0
Format Register 0
0x4700 0054
0x4800 0054
SPIFMT1
Format Register 1
0x4700 0058
0x4800 0058
SPIFMT2
Format Register 2
0x4700 005C
0x4800 005C
SPIFMT3
Format Register 3
0x4700 0060
0x4800 0060
TGINTVECT0
Interrupt Vector for SPI INT0
0x4700 0064
0x4800 0064
TGINTVECT1
Interrupt Vector for SPI INT1
Peripheral and Electrical Specifications
84
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com