công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C6722BRFP300 bảng dữ liệu(PDF) 27 Page - Texas Instruments

tên linh kiện TMS320C6722BRFP300
Giải thích chi tiết về linh kiện  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6722BRFP300 bảng dữ liệu(HTML) 27 Page - Texas Instruments

Back Button TMS320C6722BRFP300 Datasheet HTML 23Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 24Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 25Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 26Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 27Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 28Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 29Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 30Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 118 page
background image
C672x DSP:
6727B
6726B
6722B
6720
PREFIX
DEVICE SPEED RANGE
TMS 320 C6727B GDH
250
TMX = Experimental device
TMP = Prototype device
TMS = Qualified device
DEVICE FAMILY
320 = TMS320t DSP family
PACKAGE TYPE‡§
GDH = 256-terminal plastic BGA
ZDH = 256-terminal Green plastic BGA
RFP = 144-pin PowerPAD
™ Green TQFP
DEVICE
† The extended temperature “A version” devices may have different operating conditions than the commercial temperature devices. For
more details, see the recommended operating conditions portion of this data sheet.
‡ BGA
=
Ball Grid Array
TQFP =
Thin Quad Flatpack
§ The ZDH mechanical package designator represents the Green version of the GDH package. For more detailed information, see the
Mechanical Data section of this document.
For actual device part numbers (P/Ns) and ordering information, see the TI website (www.ti.com).
TEMPERATURE RANGE (DEFAULT: 0
°C TO 90°C)†
A
Blank = 0
°C to 90°C, commercial temperature
A
= −40
°C to 105°C, extended temperature
350 (350-MHz CPU)
300 (300-MHz CPU)
275 (275-MHz CPU)
266 (266-MHz CPU)
250 (250-MHz CPU)
225 (225-MHz CPU)
200 (200-MHz CPU)
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
Predictions show that prototype devices (TMX or TMP) have a greater failure rate than the standard
production devices. Texas Instruments recommends that these devices not be used in any production
system because their expected end-use failure rate still is undefined. Only qualified production devices are
to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the
package type (for example, ZDH), the temperature range (for example, “A” is the extended temperature
range), and the device speed range in megahertz (for example, -300 is 300 MHz). Figure 2-10 provides a
legend for reading the complete device name for any TMS320C6000™ DSP platform member.
The ZDH package, like the GDH package, is a 256-ball plastic BGA, but Green.
For device part numbers and further ordering information for TMS320C672x in the GDH, ZDH, and RFP
package types, see the Texas Instruments (TI) website at http://www.ti.com or contact your TI sales
representative.
Figure 2-10. TMS320C672x DSP Device Nomenclature
Submit Documentation Feedback
Device Overview
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com