công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C6722BRFP300 bảng dữ liệu(PDF) 35 Page - Texas Instruments

tên linh kiện TMS320C6722BRFP300
Giải thích chi tiết về linh kiện  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6722BRFP300 bảng dữ liệu(HTML) 35 Page - Texas Instruments

Back Button TMS320C6722BRFP300 Datasheet HTML 31Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 32Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 33Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 34Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 35Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 36Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 37Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 38Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 118 page
background image
4.5 Parameter Information
4.5.1
Parameter Information Device-Specific Information
Transmission Line
4.0 pF
1.85 pF
Z0 = 50
Ω
(see note)
Tester Pin Electronics
Data Sheet Timing Reference Point
Output
Under
Test
42
Ω
3.5 nH
Device Pin
(see note)
4.5.1.1 Signal Transition Levels
Vref = 1.5 V
Vref = VIL MAX (or VOL MAX)
Vref = VIH MIN (or VOH MIN)
4.5.1.2 Signal Transition Rates
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
A.
The data sheet provides timing at the device pin. For output timing analysis, the tester pin electronics and its
transmission line effects must be taken into account. A transmission line with a delay of 2 ns or longer can be used to
produce the desired transmission line effect. The transmission line is intended as a load only. It is not neccessary to
add
or
subtract
the
transmission
line
delay
(2
ns
or
longer)
from
the
data
sheet
timings.
Input requirements in this data sheet are tested with an input slew rate of < 4 Volts per nanosecond (4 V/ns) at the
device pin.
Figure 4-1. Test Load Circuit for AC Timing Measurements
All input and output timing parameters are referenced to 1.5 V for both "0" and "1" logic levels.
Figure 4-2. Input and Output Voltage Reference Levels for AC Timing Measurements
All rise and fall transition timing parameters are referenced to VIL MAX and VIH MIN for input clocks,
VOL MAX and VOH MIN for output clocks.
Figure 4-3. Rise and Fall Transition Time Voltage Reference Levels
All timings are tested with an input edge rate of 4 Volts per nanosecond (4 V/ns).
Submit Documentation Feedback
Peripheral and Electrical Specifications
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com