| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320C6722BRFP300 bảng dữ liệu(PDF) 71 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C6722BRFP300 bảng dữ liệu(HTML) 71 Page - Texas Instruments |
|
71 / 118 page ![]() TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720 Floating-Point Digital Signal Processors www.ti.com SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008 The three McASPs on C672x have different configurations (see Table 4-19). NOTE: McASP2 is not available on the C6722B and C6720. Table 4-19. McASP Configurations on C672x DSP McASP DIT CLOCK PINS DATA PINS COMMENTS McASP0 No AHCLKX0/AHCLKX2, ACLKX0, AFSX0 Up to 16 AHCLKX0/AHCLKX2 share pin. AHCLKR0/AHCLKR1, ACLKR0, AFSR0 AHCLKR0/AHCLKR1 share pin. McASP1 No AHCLKX1, ACLKX1, AFSX1, ACLKR1, AFSR1 Up to 6 AHCLKR0/AHCLKR1 share pin McASP2 Yes ACLKX2, AFSX2, AHCLKR2, ACLKR2, AFSR2 Up to 2 Full functionality on C6727B. On (Only available on the C6727B.) C6726B, functions only as DIT since only AHCLKX0/AHCLKX2 is available. Not available on the C6722B and C6720. NOTE: The McASPs do not have dedicated AMUTEINx pins. Instead they can select one of the pins listed in Table 4-21, Table 4-22, and Table 4-23 to use as a mute input. Submit Documentation Feedback Peripheral and Electrical Specifications 71 |