công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM1707ZKB3 bảng dữ liệu(PDF) 30 Page - Texas Instruments

tên linh kiện AM1707ZKB3
Giải thích chi tiết về linh kiện  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM1707ZKB3 bảng dữ liệu(HTML) 30 Page - Texas Instruments

Back Button AM1707ZKB3 Datasheet HTML 26Page - Texas Instruments AM1707ZKB3 Datasheet HTML 27Page - Texas Instruments AM1707ZKB3 Datasheet HTML 28Page - Texas Instruments AM1707ZKB3 Datasheet HTML 29Page - Texas Instruments AM1707ZKB3 Datasheet HTML 30Page - Texas Instruments AM1707ZKB3 Datasheet HTML 31Page - Texas Instruments AM1707ZKB3 Datasheet HTML 32Page - Texas Instruments AM1707ZKB3 Datasheet HTML 33Page - Texas Instruments AM1707ZKB3 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 198 page
background image
AM1707
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
3.6.16 Universal Serial Bus Modules (USB0, USB1)
Table 3-18. Universal Serial Bus (USB) Terminal Functions
PIN
No.
SIGNAL NAME
TYPE(1) PULL(2) MUXED
DESCRIPTION
ZKB
USB0 2.0 OTG (USB0)
USB0_DM
G4
A
NA
USB0 PHY data minus
USB0_DP
F4
A
NA
USB0 PHY data plus
USB0_VDDA33
H5
PWR
NA
USB0 PHY 3.3-V supply
USB0_VDDA18
E3
PWR
NA
USB0 PHY 1.8-V supply input
USB0_VDDA12(3)
C3
PWR
NA
USB0 PHY 1.2-V LDO output for bypass cap
USB0_ID
D2
A
NA
USB0 PHY identification (mini-A or mini-B plug)
USB0_VBUS
D3
A
NA
USB0 bus voltage
USB0 controller VBUS control output. Multiplexed
USB0_DRVVBUS/GP4[15]
E4
0
IPD
GPIO
with GPIO bank 4 pin 15.
AHCLKX0/AHCLKX2/USB_REFCLKIN/
B5
I
IPD
USB_REFCLKIN. Optional clock input.
GP2[11]
USB1 1.1 OHCI (USB1)
USB1_DM
B3
A
NA
USB1 PHY data minus
USB1_DP
A3
A
NA
USB1 PHY data plus
USB1_VDDA33
C1
PWR
NA
USB1 PHY 3.3-V supply
USB1_VDDA18
C2
PWR
NA
USB1 PHY 1.8-V supply
AHCLKX0/AHCLKX2/USB_REFCLKIN/
B5
I
IPD
NA
USB_REFCLKIN. Optional clock input.
GP2[11]
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
(3)
Core power supply LDO output for USB PHY. This pin must be connected via a 0.22 uF capacitor to VSS.
30
Device Overview
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com