công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM1707ZKB3 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện AM1707ZKB3
Giải thích chi tiết về linh kiện  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM1707ZKB3 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button AM1707ZKB3 Datasheet HTML 2Page - Texas Instruments AM1707ZKB3 Datasheet HTML 3Page - Texas Instruments AM1707ZKB3 Datasheet HTML 4Page - Texas Instruments AM1707ZKB3 Datasheet HTML 5Page - Texas Instruments AM1707ZKB3 Datasheet HTML 6Page - Texas Instruments AM1707ZKB3 Datasheet HTML 7Page - Texas Instruments AM1707ZKB3 Datasheet HTML 8Page - Texas Instruments AM1707ZKB3 Datasheet HTML 9Page - Texas Instruments AM1707ZKB3 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 198 page
background image
AM1707
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
1
AM1707 ARM Microprocessor
........................ 1
6.10
EDMA
............................................... 59
1.1
Features
.............................................. 1
6.11
External Memory Interface A (EMIFA)
............. 64
6.12
External Memory Interface B (EMIFB)
............. 75
1.2
Trademarks
.......................................... 3
6.13
Memory Protection Units
........................... 82
1.3
Description
........................................... 4
6.14
MMC / SD / SDIO (MMCSD)
....................... 85
1.4
Functional Block Diagram
............................ 5
6.15
Ethernet Media Access Controller (EMAC)
......... 88
2
Revision History
......................................... 7
6.16
Management Data Input/Output (MDIO)
........... 93
3
Device Overview
........................................ 8
6.17
Multichannel Audio Serial Ports (McASP0, McASP1,
3.1
Device Characteristics
............................... 8
and McASP2)
....................................... 95
6.18
Serial Peripheral Interface Ports (SPI0, SPI1)
.... 108
3.2
Device Compatibility
................................. 9
3.3
ARM Subsystem
..................................... 9
6.19
Enhanced Capture (eCAP) Peripheral
............ 126
6.20
Enhanced Quadrature Encoder (eQEP) Peripheral
3.4
Memory Map Summary
............................. 12
..................................................... 129
3.5
Pin Assignments
.................................... 15
6.21
Enhanced High-Resolution Pulse-Width Modulator
3.6
Terminal Functions
................................. 16
(eHRPWM)
........................................ 131
4
Device Configuration
................................. 34
6.22
LCD Controller
.................................... 135
4.1
Boot Modes
......................................... 34
6.23
Timers
............................................. 150
4.2
SYSCFG Module
................................... 34
6.24
Inter-Integrated Circuit Serial Ports (I2C0, I2C1)
..................................................... 152
4.3
Pullup/Pulldown Resistors
.......................... 36
6.25
Universal Asynchronous Receiver/Transmitter
5
Device Operating Conditions
....................... 37
(UART)
............................................ 157
5.1
Absolute Maximum Ratings Over Operating
6.26
USB1 Host Controller Registers (USB1.1 OHCI)
Junction Temperature Range
..................................................... 159
(Unless Otherwise Noted)
................................. 37
6.27
USB0 OTG (USB2.0 OTG)
........................ 161
5.2
Recommended Operating Conditions
.............. 38
6.28
Host-Port Interface (UHPI)
........................ 169
5.3
Electrical Characteristics Over Recommended
6.29
Power and Sleep Controller (PSC)
................ 176
Ranges of Supply Voltage and Operating Junction
6.30
Programmable Real-Time Unit Subsystem (PRUSS)
Temperature (Unless Otherwise Noted)
............ 39
..................................................... 179
6
Peripheral Information and Electrical
6.31
Emulation Logic
................................... 182
Specifications
.......................................... 40
6.32
IEEE 1149.1 JTAG
................................ 188
6.1
Parameter Information
.............................. 40
6.33
Real Time Clock (RTC)
........................... 190
6.2
Recommended Clock and Control Signal Transition
7
Device and Documentation Support
............. 193
Behavior
............................................ 41
6.3
Power Supplies
..................................... 42
7.1
Device Support
.................................... 193
6.4
Unused USB0 (USB2.0) and USB1 (USB1.1) Pin
7.2
Documentation Support
........................... 193
Configurations
...................................... 42
8
Mechanical Packaging and Orderable
6.5
Reset
............................................... 43
Information
............................................ 194
8.1
Device and Development-Support Tool
6.6
Crystal Oscillator or External Clock Input
.......... 46
Nomenclature
..................................... 194
6.7
Clock PLLs
......................................... 48
6.8
Interrupts
............................................ 52
8.2
Thermal Data for ZKB
............................. 194
6.9
General-Purpose Input/Output (GPIO)
............. 56
8.3
Mechanical Drawings
............................. 195
6
Contents
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com