công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM1707ZKB3 bảng dữ liệu(PDF) 22 Page - Texas Instruments

tên linh kiện AM1707ZKB3
Giải thích chi tiết về linh kiện  AM1707 ARM Microprocessor
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

AM1707ZKB3 bảng dữ liệu(HTML) 22 Page - Texas Instruments

Back Button AM1707ZKB3 Datasheet HTML 18Page - Texas Instruments AM1707ZKB3 Datasheet HTML 19Page - Texas Instruments AM1707ZKB3 Datasheet HTML 20Page - Texas Instruments AM1707ZKB3 Datasheet HTML 21Page - Texas Instruments AM1707ZKB3 Datasheet HTML 22Page - Texas Instruments AM1707ZKB3 Datasheet HTML 23Page - Texas Instruments AM1707ZKB3 Datasheet HTML 24Page - Texas Instruments AM1707ZKB3 Datasheet HTML 25Page - Texas Instruments AM1707ZKB3 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 198 page
background image
AM1707
SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
3.6.8
Enhanced Pulse Width Modulators (eHRPWM0, eHRPWM1, eHRPWM2)
Table 3-10. Enhanced Pulse Width Modulator (eHRPWM) Terminal Functions
PIN
No.
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
ZKB
eHRPWM0
eHRPWM0 A output
ACLKX1/EPWM0A/GP3[15]
K3
I/O
IPD
(with high-resolution).
McASP1, GPIO
AHCLKX1/EPWM0B/GP3[14]
K2
I/O
IPD
eHRPWM0 B output.
McASP1, eHRPWM1,
eHRPWM0 trip zone
AMUTE1/EPWMTZ/GP4[14]
D4
I/O
IPD
GPIO, eHRPWM2
input.
Sync input to
McASP1, eHRPWM0,
eHRPWM0 module or
AFSX1/EPWMSYNCI/EPWMSYNCO/GP4[10]
K4
I/O
IPD
GPIO
sync output to
external PWM.
eHRPWM1
eHRPWM1 A output
AXR1[8]/EPWM1A/GP4[8]
M2
I/O
IPD
(with high-resolution).
McASP1, GPIO
AXR1[7]/EPWM1B/GP4[7]
M3
I/O
IPD
eHRPWM1 B output.
McASP1, eHRPWM1,
eHRPWM1 trip zone
AMUTE1/EPWMTZ/GP4[14]
D4
I/O
IPD
GPIO, eHRPWM2
input.
eHRPWM2
eHRPWM2 A output
AXR1[6]/EPWM2A/GP4[6]
M4
I/O
IPD
(with high-resolution).
McASP1, GPIO
AXR1[5]/EPWM2B/GP4[5]
N1
I/O
IPD
eHRPWM2 B output.
McASP1, eHRPWM1,
eHRPWM2 trip zone
AMUTE1/EPWMTZ/GP4[14]
D4
I/O
IPD
GPIO, eHRPWM2
input.
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
22
Device Overview
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1707



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com