| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM1707ZKB3 bảng dữ liệu(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM1707ZKB3 bảng dữ liệu(HTML) 16 Page - Texas Instruments |
|
16 / 198 page ![]() AM1707 SPRS637A – FEBRUARY 2010 – REVISED APRIL 2010 www.ti.com 3.6 Terminal Functions Table 3-3 to Table 3-23 identify the external signal names, the associated pin/ball numbers along with the mechanical package designator, the pin type (I, O, IO, OZ, or PWR), whether the pin/ball has any internal pullup/pulldown resistors, whether the pin/ball is configurable as an IO in GPIO mode, and a functional pin description. 3.6.1 Device Reset and JTAG Table 3-3. Reset and JTAG Terminal Functions PIN No. SIGNAL NAME TYPE(1) PULL(2) DESCRIPTION ZKB RESET RESET G3 I Device reset input AMUTE0/ RESETOUT L4 O(3) IPD Reset output. Multiplexed with McASP0 mute output. JTAG TMS J1 I IPU JTAG test mode select TDI J2 I IPU JTAG test data input TDO J3 O IPD JTAG test data output TCK H3 I IPD JTAG test clock TRST J4 I IPD JTAG test reset EMU[0]/GP7[15] J5 I/O IPU Emulation Signal RTCK/GP7[14] K1 I/O IPD JTAG Test Clock Return Clock Output (1) I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal. Note: For multiplexed pins where functions have different types (ie., input versus output), the table reflects the pin function direction for that particular peripheral. (2) IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor (3) Open drain mode for RESETOUT function. 3.6.2 High-Frequency Oscillator and PLL Table 3-4. High-Frequency Oscillator and PLL Terminal Functions PIN No. SIGNAL NAME TYPE(1) PULL(2) DESCRIPTION ZKB EMA_CLK/OBSCLK/AHCLKR2/ R12 O IPU PLL Observation Clock GP1[15] 1.2-V OSCILLATOR OSCIN F2 I Oscillator input OSCOUT F1 O Oscillator output OSCVSS E2 GND Oscillator ground (for filter only) 1.2-V PLL PLL0_VDDA D1 PWR PLL analog VDD (1.2-V filtered supply) PLL0_VSSA E1 GND PLL analog VSS (for filter) (1) I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal. Note: For multiplexed pins where functions have different types (ie., input versus output), the table reflects the pin function direction for that particular peripheral. (2) IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor 16 Device Overview Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM1707 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |