công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H5PS2G83AFR bảng dữ liệu(PDF) 23 Page - Hynix Semiconductor

tên linh kiện H5PS2G83AFR
Giải thích chi tiết về linh kiện  2Gb DDR2 SDRAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HYNIX [Hynix Semiconductor]
Trang chủ  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5PS2G83AFR bảng dữ liệu(HTML) 23 Page - Hynix Semiconductor

Back Button H5PS2G83AFR Datasheet HTML 19Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 20Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 21Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 22Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 23Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 24Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 25Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 26Page - Hynix Semiconductor H5PS2G83AFR Datasheet HTML 27Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Rev. 0.1 / November 2008
23
H5PS2G43AFR
H5PS2G83AFR
Parameter
Symbol
DDR2-667
DDR2-800
Unit
Notes
min
max
min
max
Four Active Window for 2KB page size
products
tFAW
50
-
45
-
ns
32
CAS to CAS command delay
tCCD
2
2
nCK
Write postamble
tWPST
0.4
0.6
0.4
0.6
tCK(av
g)
10
Active to active command period for 1KB
page size products (x4, x8)
tRRD
7.5
-7.5
-
ns
4,32
Active to active command period for 2KB
page size products (x16)
tRRD
10
-10
-
ns
4,32
Read postamble
tRPST
0.4
0.6
0.4
0.6
tCK(av
g)
19,42
Activate to precharge command
tRAS
45
70000
45
70000
ns
3
Address and control input setup time
tIS(base)
200
-
175
-
ps
5,7,9,2
2,29
Address and control input hold time
tIH(base)
275
-
250
-
ps
5,7,9,2
3,29
Read preamble
tRPRE
0.9
1.1
0.9
1.1
tCK(av
g)
19,41
Internal write to read command delay
tWTR
7.5
-7.5
-
ns
24,32
Internal read to precharge command delay
tRTP
7.5
7.5
ns
3,32
Exit self refresh to a non-read command
tXSNR
tRFC + 10
tRFC + 10
ns
32
Exit self refresh to a read command
tXSRD
200
-
200
-
nCK
Exit precharge power down to any non-read
command
tXP
2
-
2
-
nCK
Exit active power down to read command
tXARD
2
2
nCK
1
Exit active power down to read command
(Slow exit, Lower power)
tXARDS
7 - AL
8 - AL
nCK
1, 2
CKE minimum pulse width
(HIGH and LOW pulse width)
tCKE
3
3
nCK
27
ODT turn-on delay
tAOND
2
2
2
2
nCK
16
ODT turn-on
tAON
tAC(min)
tAC(max)
+0.7
tAC(min)
tAC(max)
+0.7
ns
6,16,4
0
ODT turn-on(Power-Down mode)
tAONPD
tAC(min)+2
2tCK(avg)+
tAC(max)+1
tAC(min)
+2
2tCK(avg)+
tAC(max)+1
ns
ODT turn-off delay
tAOFD
2.5
2.5
2.5
2.5
nCK
17,45
ODT turn-off
tAOF
tAC(min)
tAC(max)+
0.6
tAC(min)
tAC(max)
+0.6
ns
17,43,
45
ODT turn-off (Power-Down mode)
tAOFPD
tAC(min)
+2
2.5tCK(avg)
+
tAC(max)+1
tAC(min)
+2
2.5tCK(avg)+
tAC(max)+1
ns
ODT to power down entry latency
tANPD
3
3
nCK
ODT power down exit latency
tAXPD
8
8
nCK
OCD drive mode output delay
tOIT
0
12
0
12
ns
32
Minimum time clocks remains ON after CKE
asynchronously drops LOW
tDelay
tIS +t CK
(avg) + tIH
tIS + tCK
(avg)
+ tIH
ns
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com