công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8323VRADDCA bảng dữ liệu(PDF) 19 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8323VRADDCA
Giải thích chi tiết về linh kiện  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323VRADDCA bảng dữ liệu(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPC8323VRADDCA Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
19
DUART
7DUART
This section describes the DC and AC electrical specifications for the DUART interface of the
MPC8323E.
7.1
DUART DC Electrical Characteristics
Table 20 provides the DC electrical characteristics for the DUART interface of the MPC8323E.
7.2
DUART AC Electrical Specifications
Table 21 provides the AC timing parameters for the DUART interface of the MPC8323E.
8
Ethernet and MII Management
This section provides the AC and DC electrical characteristics for Ethernet and MII management.
8.1
Ethernet Controller (10/100 Mbps)—MII/RMII Electrical
Characteristics
The electrical characteristics specified here apply to all MII (media independent interface) and RMII
(reduced media independent interface), except MDIO (management data input/output) and MDC
Table 20. DUART DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2OVDD + 0.3
V
Low-level input voltage OVDD
VIL
–0.3
0.8
V
High-level output voltage, IOH = –100 μAVOH
OVDD – 0.2
—
V
Low-level output voltage, IOL = 100 μAVOL
—0.2
V
Input current (0 V
≤ VIN ≤ OVDD)1
IIN
—±5
μA
Note:
1. Note that the symbol VIN, in this case, represents the OVIN symbol referenced in Table 1 and Table 2.
Table 21. DUART AC Timing Specifications
Parameter
Value
Unit
Notes
Minimum baud rate
256
baud
Maximum baud rate
> 1,000,000
baud
1
Oversample rate
16
—
2
Notes:
1. Actual attainable baud rate is limited by the latency of interrupt processing.
2. The middle of a start bit is detected as the 8th sampled 0 after the 1-to-0 transition of the start bit. Subsequent bit values are
sampled each 16th sample.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com