công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8323VRADDCA bảng dữ liệu(PDF) 33 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8323VRADDCA
Giải thích chi tiết về linh kiện  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323VRADDCA bảng dữ liệu(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPC8323VRADDCA Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
Freescale Semiconductor
33
I
2C
11 I2C
This section describes the DC and AC electrical characteristics for the I2C interface of the MPC8323E.
11.1
I2C DC Electrical Characteristics
Table 33 provides the DC electrical characteristics for the I2C interface of the MPC8323E.
11.2
I2C AC Electrical Specifications
Table 34 provides the AC timing parameters for the I2C interface of the MPC8323E.
Table 33. I2C DC Electrical Characteristics
At recommended operating conditions with OVDD of 3.3 V ± 10%.
Parameter
Symbol
Min
Max
Unit
Notes
Input high voltage level
VIH
0.7
× OVDD
OVDD + 0.3
V
—
Input low voltage level
VIL
–0.3
0.3
× OVDD
V—
Low level output voltage
VOL
00.4
V
1
Output fall time from VIH(min) to VIL(max) with a bus
capacitance from 10 to 400 pF
tI2KLKV
20 + 0.1
× CB
250
ns
2
Pulse width of spikes which must be suppressed by the
input filter
tI2KHKL
050
ns
3
Capacitance for each I/O pin
CI
—10
pF
—
Input current (0 V
≤ VIN ≤ OVDD)IIN
—±5
μA4
Notes:
1. Output voltage (open drain or open collector) condition = 3 mA sink current.
2. CB = capacitance of one bus line in pF.
3. Refer to the
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Reference Manual for information on
the digital filter used.
4. I/O pins obstructs the SDA and SCL lines if OVDD is switched off.
Table 34. I2C AC Electrical Specifications
All values refer to VIH (min) and VIL (max) levels (see Table 33).
Parameter
Symbol1
Min
Max
Unit
SCL clock frequency
fI2C
0400
kHz
Low period of the SCL clock
tI2CL
1.3
—
μs
High period of the SCL clock
tI2CH
0.6
—
μs
Setup time for a repeated START condition
tI2SVKH
0.6
—
μs
Hold time (repeated) START condition (after this period, the first clock
pulse is generated)
tI2SXKL
0.6
—
μs
Data setup time
tI2DVKH
100
—
ns
Data hold time:
CBUS compatible masters
I2C bus devices
tI2DXKL
—
02
—
0.93
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com