công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8323VRADDCA bảng dữ liệu(PDF) 40 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8323VRADDCA
Giải thích chi tiết về linh kiện  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323VRADDCA bảng dữ liệu(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MPC8323VRADDCA Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
40
Freescale Semiconductor
SPI
16 SPI
This section describes the DC and AC electrical specifications for the SPI of the MPC8323E.
16.1
SPI DC Electrical Characteristics
Table 44 provides the DC electrical characteristics for the MPC8323E SPI.
16.2
SPI AC Timing Specifications
Table 45 and provide the SPI input and output AC timing specifications.
Figure 30 provides the AC test load for the SPI.
Figure 30. SPI AC Test Load
Table 44. SPI DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Output high voltage
VOH
IOH = –6.0 mA
2.4
—
V
Output low voltage
VOL
IOL = 6.0 mA
—
0.5
V
Output low voltage
VOL
IOL = 3.2 mA
—
0.4
V
Input high voltage
VIH
—2.0
OVDD +0.3
V
Input low voltage
VIL
—
–0.3
0.8
V
Input current
IIN
0 V
≤ VIN ≤ OVDD
—
±5
μA
Table 45. SPI AC Timing Specifications1
Characteristic
Symbol2
Min
Max
Unit
SPI outputs—Master mode (internal clock) delay
tNIKHOV
0.5
6
ns
SPI outputs—Slave mode (external clock) delay
tNEKHOV
28
ns
SPI inputs—Master mode (internal clock) input setup time
tNIIVKH
6—
ns
SPI inputs—Master mode (internal clock) input hold time
tNIIXKH
0—
ns
SPI inputs—Slave mode (external clock) input setup time
tNEIVKH
4—
ns
SPI inputs—Slave mode (external clock) input hold time
tNEIXKH
2—
ns
Notes:
1. Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal. Timings
are measured at the pin.
2. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tNIKHOV symbolizes the NMSI
outputs internal timing (NI) for the time tSPI memory clock reference (K) goes from the high state (H) until outputs (O) are
valid (V).
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com