công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC8323VRADDCA bảng dữ liệu(PDF) 46 Page - Freescale Semiconductor, Inc

tên linh kiện MPC8323VRADDCA
Giải thích chi tiết về linh kiện  PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8323VRADDCA bảng dữ liệu(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MPC8323VRADDCA Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8323VRADDCA Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 82 page
background image
MPC8323E PowerQUICC™ II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 3
46
Freescale Semiconductor
HDLC, BISYNC, Transparent, and Synchronous UART
Figure 38 provides the AC test load.
Figure 38. AC Test Load
Figure 39 and Figure 40 represent the AC timing from Table 51. Note that although the specifications
generally reference the rising edge of the clock, these AC timing diagrams also apply when the falling edge
is the active edge.
Inputs—External clock input hold time
tHEIXKH
1—
ns
Notes:
1. Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal. Timings
are measured at the pin.
2. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tHIKHOX symbolizes the outputs
internal timing (HI) for the time tserial memory clock reference (K) goes from the high state (H) until outputs (O) are invalid (X).
Table 52. Synchronous UART AC Timing Specifications1
Characteristic
Symbol2
Min
Max
Unit
Outputs—Internal clock delay
tUAIKHOV
05.5
ns
Outputs—External clock delay
tUAEKHOV
110
ns
Outputs—Internal clock high impedance
tUAIKHOX
05.5
ns
Outputs—External clock high impedance
tUAEKHOX
18
ns
Inputs—Internal clock input setup time
tUAIIVKH
6—
ns
Inputs—External clock input setup time
tUAEIVKH
4—
ns
Inputs—Internal clock input hold time
tUAIIXKH
0—
ns
Inputs—External clock input hold time
tUAEIXKH
1—
ns
Notes:
1. Output specifications are measured from the 50% level of the rising edge of CLKIN to the 50% level of the signal. Timings
are measured at the pin.
2. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tUAIKHOX symbolizes the outputs
internal timing (UAI) for the time tserial memory clock reference (K) goes from the high state (H) until outputs (O) are
invalid (X).
Table 51. HDLC, BISYNC, and Transparent UART AC Timing Specifications1 (continued)
Characteristic
Symbol2
Min
Max
Unit
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com