công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATmega64A bảng dữ liệu(PDF) 263 Page - ATMEL Corporation

tên linh kiện ATmega64A
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 64K Bytes In-System Programmable Flash
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega64A bảng dữ liệu(HTML) 263 Page - ATMEL Corporation

Back Button ATmega64A Datasheet HTML 259Page - ATMEL Corporation ATmega64A Datasheet HTML 260Page - ATMEL Corporation ATmega64A Datasheet HTML 261Page - ATMEL Corporation ATmega64A Datasheet HTML 262Page - ATMEL Corporation ATmega64A Datasheet HTML 263Page - ATMEL Corporation ATmega64A Datasheet HTML 264Page - ATMEL Corporation ATmega64A Datasheet HTML 265Page - ATMEL Corporation ATmega64A Datasheet HTML 266Page - ATMEL Corporation ATmega64A Datasheet HTML 267Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 392 page
background image
263
8160C–AVR–07/09
ATmega64A
The Boundary-scan logic is not included in the figures in this Datasheet. Figure 25-4 shows a
simple digital Port Pin as described in the section “I/O Ports” on page 68. The Boundary-scan
details from Figure 25-3 replaces the dashed box in Figure 25-4.
When no alternate port function is present, the Input Data – ID corresponds to the PINxn Regis-
ter value (but ID has no synchronizer), Output Data corresponds to the PORT Register, Output
Control corresponds to the Data Direction – DD Register, and the Pull-up Enable – PUExn – cor-
responds to logic expression PUD · DDxn · PORTxn.
Digital alternate port functions are connected outside the dotted box in Figure 25-4 to make the
scan chain read the actual pin value. For analog function, there is a direct connection from the
external pin to the analog circuit, and a scan chain is inserted on the interface between the digi-
tal logic and the analog circuitry.
Figure 25-3. Boundary-scan Cell for Bi-directional Port Pin with Pull-up Function
DQ
DQ
G
0
1
0
1
DQ
DQ
G
0
1
0
1
0
1
0
1
DQ
DQ
G
0
1
Vcc
EXTEST
To Next Cell
ShiftDR
From Last Cell
UpdateDR
ClockDR
FF2
LD2
FF1
LD1
LD0
FF0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More