| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AT91SAM9G20 bảng dữ liệu(PDF) 48 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT91SAM9G20 bảng dữ liệu(HTML) 48 Page - ATMEL Corporation |
|
48 / 832 page ![]() 48 6384D–ATARM–04-May-09 AT91SAM9G20 Preliminary • Exception-generating instruction Table 5 shows the Thumb instruction set, for further details, see the ARM Technical Reference Manual, ARM ref. DDI0198B. Table 11-4 gives the Thumb instruction mnemonic list. Table 11-4. Thumb Instruction Mnemonic List Mnemonic Operation Mnemonic Operation MOV Move MVN Move Not ADD Add ADC Add with Carry SUB Subtract SBC Subtract with Carry CMP Compare CMN Compare Negated TST Test NEG Negate AND Logical AND BIC Bit Clear EOR Logical Exclusive OR ORR Logical (inclusive) OR LSL Logical Shift Left LSR Logical Shift Right ASR Arithmetic Shift Right ROR Rotate Right MUL Multiply BLX Branch, Link, and Exchange B Branch BL Branch and Link BX Branch and Exchange SWI Software Interrupt LDR Load Word STR Store Word LDRH Load Half Word STRH Store Half Word LDRB Load Byte STRB Store Byte LDRSH Load Signed Halfword LDRSB Load Signed Byte LDMIA Load Multiple STMIA Store Multiple PUSH Push Register to stack POP Pop Register from stack BCC Conditional Branch BKPT Breakpoint |