| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE8262E bảng dữ liệu(PDF) 57 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8262E bảng dữ liệu(HTML) 57 Page - Infineon Technologies AG |
|
57 / 93 page ![]() Data Sheet 57 Rev. 1.0, 2009-03-31 TLE8262E Supervision Functions Figure 23 Window Watchdog Definitions Figure 24 Window Watchdog Timing Diagram for config 1 and config 3 11.2.3 Changing the Watchdog Settings The settings of the watchdog can be changed during the operation of the watchdog. The change is done with a SPI programming into the Watchdog Configuration Register. The new setting is programmed together with a valid watchdog trigger according to the old settings. The timer with the new settings starts with this SPI command. The toggling of the “WD Refresh” bit needs to be continued (transition HIGH to LOW or LOW to HIGH) with the new settings. If the new settings were not valid, the watchdog will continue with the old settings and generate a “Wrong WD Set” interrupt. closed window open window tCWmin t / [tWDPER] tWD tOWmax safe trigger area tCWmax tOWmin 0.45 1.1 0.9 0.55 Un- certainty uncertainty Wd1_per .vsd 1.0 Window Watchdog Timing (SPI) t WDR Watchdog timer reset normal operation Time-out (too long) timeout (too short) normal operation RO WD Refresh bit t t normal operation t CW t OW t LW t CW t OW t CW+tOW t LW t CW t CW t OW t CW t OW t LW Wd2_per.vsd |