công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE8262E bảng dữ liệu(PDF) 44 Page - Infineon Technologies AG

tên linh kiện TLE8262E
Giải thích chi tiết về linh kiện  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E bảng dữ liệu(HTML) 44 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 40Page - Infineon Technologies AG TLE8262E Datasheet HTML 41Page - Infineon Technologies AG TLE8262E Datasheet HTML 42Page - Infineon Technologies AG TLE8262E Datasheet HTML 43Page - Infineon Technologies AG TLE8262E Datasheet HTML 44Page - Infineon Technologies AG TLE8262E Datasheet HTML 45Page - Infineon Technologies AG TLE8262E Datasheet HTML 46Page - Infineon Technologies AG TLE8262E Datasheet HTML 47Page - Infineon Technologies AG TLE8262E Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 93 page
background image
Data Sheet
44
Rev. 1.0, 2009-03-31
TLE8262E
LIN Transceiver
10.2.2
Slope Selection
The LIN transceiver offers a LIN Low Slope Mode for 10.4 kBaud communication and a LIN Normal Slope Mode
for 20 kBaud communication. The only difference is the behavior of the transmitter. In LIN Low Slope Mode, the
transmitter uses a lower slew rate to further reduce the EME compared to Normal Mode. This complies with SAE
J2602 requirements.
The selection is done for all transceivers at the same time so that the chip is working in either LIN Low slope Mode
or in LIN Normal Slope Mode. By default, the device works in LIN Low Slope Mode. The selection of LIN Normal
Slope Mode is done by an SPI word. The selection is accessible in SBC Normal Mode only.
10.2.3
LIN OFF Mode
In this mode, the LIN transceiver is completely disabled. Only an SPI command can reactivate the LIN cell. This
mode is accessible in SBC Normal, Stop, and Sleep Modes and is the default behavior in SBC Init Mode.
10.2.4
LIN Wake Capable Mode
This mode, which can be used in SBC Stop, Sleep, Restart and Normal Modes by programming via SPI and is
automatically accessed in SBC Fail-Safe Mode, is used to monitor bus activities. A wake up signal on the bus
results in different behavior of the SBC, as described in Table 8. After wake-up the transceiver can be switched
to LIN Normal Mode for communication. To enable the LIN Wakeable Mode after a wake via this LIN tranceiver,
the deticated LIN transceiver must be switched to LIN Normal Mode, LIN Receive Only Mode or LIN Off, before
switching to LIN Wakeable Mode again.
Wake-Up in SBC Sleep Mode
Wake-up is possible via a LIN message (filtering time t >
t
WK,bus), it automatically transfers the SBC into the SBC
Restart Mode and from there to Normal Mode the corresponding RxD pins in set to LOW, see Figure 19. The
microcontroller is able to detect the low signal on RxD and to read the wake source out of the “Wake Register
Interrupt” register (000) via SPI. No Interrupt is generated when coming out of Sleep Mode. The µC can now switch
the CAN transceiver into LIN Normal Mode via SPI to start communication.
Wake-Up in SBC Stop Mode
In SBC Stop Mode, if a wake-up is detected, it is signaled by the INT output and by the “WK LINx” SPI bit. It is also
signaled by RxDLINx put to low.The microcontroller should set the device to SBC Normal Mode, there is no
automatic transition to Normal Mode. In Normal Mode the transceiver can be enabled via SPI.
Table 8
Action Due to a CAN Wake Up
SBC Mode
SBC Mode after wake
Vcc1µC
INT
RxD
Int. Bit
WK CAN
Sleep Mode
Restart Mode
Ramping up
HIGH
LOW
1
Stop Mode
Stop Mode
ON
LOW1)
1) When not masked via SPI
LOW
1
Restart Mode
Restart Mode
Ramping up / ON
HIGH
LOW
1
Fail-Safe Mode
Restart Mode
Ramping up
HIGH
LOW
1
Normal Mode
Normal Mode
ON
LOW1)
LOW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com