công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE8262E bảng dữ liệu(PDF) 45 Page - Infineon Technologies AG

tên linh kiện TLE8262E
Giải thích chi tiết về linh kiện  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E bảng dữ liệu(HTML) 45 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 41Page - Infineon Technologies AG TLE8262E Datasheet HTML 42Page - Infineon Technologies AG TLE8262E Datasheet HTML 43Page - Infineon Technologies AG TLE8262E Datasheet HTML 44Page - Infineon Technologies AG TLE8262E Datasheet HTML 45Page - Infineon Technologies AG TLE8262E Datasheet HTML 46Page - Infineon Technologies AG TLE8262E Datasheet HTML 47Page - Infineon Technologies AG TLE8262E Datasheet HTML 48Page - Infineon Technologies AG TLE8262E Datasheet HTML 49Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 93 page
background image
Data Sheet
45
Rev. 1.0, 2009-03-31
TLE8262E
LIN Transceiver
10.2.5
LIN Receive Only Mode
In LIN Receive Only Mode (RxD only), the driver stage is de-activated but reception is still possible. This mode is
accessible by an SPI command.
10.2.6
LIN Flash Mode
In LIN Flash Mode, the slope control mechanism is de-activated. This mode is accessible only in the SBC SW
Flash mode. A communication up to 100kbaud is possible.
10.3
LIN Cell Mode with SBC Mode
Table 9 shows the LIN modes accessible in the different SBC modes. Automatic transition from one LIN mode to
an other is only allowed in the same column.
Table 9
LIN States Based on SBC Modes
SBC Mode
LIN Mode
INIT Mode
OFF
Normal Mode
OFF
Wake capable
Normal / Low slope
Receive Only
Sleep Mode
OFF
Wake capable
Restart Mode
OFF
Wake capable
Stop Mode
OFF
Wake capable
Fail-Safe Mode
Wake capable
SW flash Mode
Flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com