công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF2119SU/2/F2 bảng dữ liệu(PDF) 62 Page - NXP Semiconductors

tên linh kiện PCF2119SU/2/F2
Giải thích chi tiết về linh kiện  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119SU/2/F2 bảng dữ liệu(HTML) 62 Page - NXP Semiconductors

Back Button PCF2119SU/2/F2 Datasheet HTML 58Page - NXP Semiconductors PCF2119SU/2/F2 Datasheet HTML 59Page - NXP Semiconductors PCF2119SU/2/F2 Datasheet HTML 60Page - NXP Semiconductors PCF2119SU/2/F2 Datasheet HTML 61Page - NXP Semiconductors PCF2119SU/2/F2 Datasheet HTML 62Page - NXP Semiconductors PCF2119SU/2/F2 Datasheet HTML 63Page - NXP Semiconductors PCF2119SU/2/F2 Datasheet HTML 64Page - NXP Semiconductors PCF2119SU/2/F2 Datasheet HTML 65Page - NXP Semiconductors PCF2119SU/2/F2 Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
62 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
16.12 I2C-bus operation, 1-line display
A control byte is required with most commands (see Table 42).
22
:
:
23
Return_home
returns both display and cursor to the
original position (address 0)
0000000010
PHILIPS
MICROCOM
Table 41.
8-bit operation, 2-line display example; using external reset (character set ‘A’) …continued
Instruction
Step
RS
R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Display
Operation
Table 42.
Example of I2C-bus operation; 1-line display (using external reset, assuming pin SA0 = VSS)[1]
Step
I2C-bus byte
Display
Operation
1I2C-bus start
initialized; no display appears
2
slave address for write
during the acknowledge cycle SDA will be
pulled-down by the PCF2119x
SA6 SA5 SA4 SA3 SA2 SA1 SA0 R/WAck
011101001
3
send a control byte for Function_set
control byte sets RS for following data bytes
CO
RS
0
0
0
0
0
0
Ack
000000001
4
Function_set
selects 1-line display and VLCD =V0; SCL
pulse during acknowledge cycle starts
execution of instruction
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack
001X
00001
5
Display_ctl
turns on display and cursor; entire display
shows character code 20h (blank in
ASCII-like character sets)
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack
000011101
6
Entry_mode_set
sets mode to increment the address by 1
and to shift the cursor to the right at the time
of write to the DDRAM or CGRAM; display
is not shifted
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack
000001101
7I2C-bus start
for writing data to DDRAM, RS must be set
to 1; therefore a control byte is needed
8
slave address for write
SA6 SA5 SA4 SA3 SA2 SA1 SA0 R/WAck
011101001
9
send a control byte for Write_data
CO
RS
0
0
0
0
0
0
Ack
010000001
10
Write_data to DDRAM
writes ‘P’; the DDRAM has been selected at
power-on; the cursor is incremented by 1
and shifted to the right
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack
P
010100001
11
Write_data to DDRAM
writes ‘H’
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 Ack
PH
010010001
12 to 15
:
PHILIP
writes ‘ILIP’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com