| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF2119SU/2/F2 bảng dữ liệu(PDF) 42 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2119SU/2/F2 bảng dữ liệu(HTML) 42 Page - NXP Semiconductors |
|
42 / 79 page ![]() PCF2119X_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 13 August 2009 42 of 79 NXP Semiconductors PCF2119x LCD controllers/drivers 11.2.1 I2C-bus protocol One I2C-bus slave address is reserved for the PCF2119x (see Figure 30). Before any data is transmitted on the I2C-bus, the device which should respond is addressed first. The addressing is always carried out with the first byte transmitted after the START procedure. The I2C-bus configuration for the different PCF2119x read and write cycles is shown in Figure 31 to Figure 33. The slow down feature of the I2C-bus protocol (receiver holds SCL line LOW during internal operations) is not used in the PCF2119x. 11.2.2 I2C-bus definitions Definitions: • Transmitter: the device which sends the data to the bus. • Receiver: the device which receives the data from the bus. • Master: the device which initiates a transfer, generates clock signals and terminates a transfer. • Slave: the device addressed by a master. • Multi-master: more than one master can attempt to control the bus at the same time without corrupting the message. Fig 29. Acknowledgement on the I2C-bus mbc602 S START condition 9 8 2 1 clock pulse for acknowledgement not acknowledge acknowledge data output by transmitter data output by receiver SCL from master Fig 30. PCF2119x I2C-bus slave address S A 0 011101 0 slave address R/W 013aaa143 |