| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF2119SU/2/F2 bảng dữ liệu(PDF) 52 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2119SU/2/F2 bảng dữ liệu(HTML) 52 Page - NXP Semiconductors |
|
52 / 79 page ![]() PCF2119X_5 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 05 — 13 August 2009 52 of 79 NXP Semiconductors PCF2119x LCD controllers/drivers 16. Application information 16.1 General application information The required minimum value for the external capacitors in an application with the PCF2119x are: Cext from pins VLCD to VSS = 100 nF and for pins VDD to VSS = 470 nF. Higher capacitor values are recommended for ripple reduction. For COG applications the recommended ITO track resistance is to be minimized for the I/O and supply connections. Optimized values for these tracks are below 50 Ω for the supply and below 100 Ω for the I/O connections. Higher track resistance reduce performance and increase current consumption. To avoid accidental triggering of Power-On Reset (POR) (especially in COG applications), the supplies must be adequately decoupled. Depending on power supply quality, VDD1 may have to be risen above the specified minimum. When external LCD supply voltage is supplied, VLCDOUT should be left open-circuit to avoid any stray current, and VLCDIN must be connected to VLCDSENSE. 16.2 Power supply connections for internal VLCD generation Decoupling capacitors are not shown in the drawings. Fig 37. Recommended VDD connections for internal VLCD generation Fig 38. Recommended VLCD connections for internal VLCD generation VDD1 VDD2 VDD3 VSS1 VSS2 GND 1.5 V to 5.5 V 2.2 V to 4.0 V 013aaa114 VDD1 VDD2 VDD3 VSS1 VSS2 GND 2.2 V to 4.0 V 013aaa115 013aaa116 VSS2 VLCDIN VLCDOUT VLCDSENSE |