công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF2119SU/2/F2 bảng dữ liệu(PDF) 48 Page - NXP Semiconductors

tên linh kiện PCF2119SU/2/F2
Giải thích chi tiết về linh kiện  LCD controllers/drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2119SU/2/F2 bảng dữ liệu(HTML) 48 Page - NXP Semiconductors

Back Button PCF2119SU/2/F2 Datasheet HTML 44Page - NXP Semiconductors PCF2119SU/2/F2 Datasheet HTML 45Page - NXP Semiconductors PCF2119SU/2/F2 Datasheet HTML 46Page - NXP Semiconductors PCF2119SU/2/F2 Datasheet HTML 47Page - NXP Semiconductors PCF2119SU/2/F2 Datasheet HTML 48Page - NXP Semiconductors PCF2119SU/2/F2 Datasheet HTML 49Page - NXP Semiconductors PCF2119SU/2/F2 Datasheet HTML 50Page - NXP Semiconductors PCF2119SU/2/F2 Datasheet HTML 51Page - NXP Semiconductors PCF2119SU/2/F2 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 79 page
background image
PCF2119X_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 13 August 2009
48 of 79
NXP Semiconductors
PCF2119x
LCD controllers/drivers
[1]
LCD outputs are open-circuit; inputs at VDD or VSS; bus inactive.
[2]
Tamb =25 °C; fosc = 200 kHz.
[3]
LCD outputs are open-circuit; VLCD generator is on; load current ILCD =5 µA.
[4]
Resistance of output pins (R1 to R18 and C1 to C80) with a load current of 10
µA; outputs measured one at a time; external LCD supply
VLCD =3V; VDD1 =VDD2 =VDD3 =3V.
[5]
LCD outputs open-circuit; external LCD supply.
Output: pin SDA
IOL
LOW-level output current VOL = 0.4 V; VDD1 >2V
3
-
-
mA
VOL = 0.2 VDD1; VDD1 <2V
2
-
-
mA
LCD outputs
RO
output resistance
row output, pins R1 to R18
[4] -10
30
k
Ω
column output, pins C1 to C80
[4] -15
40
k
Ω
∆Vbias
bias voltage variation
on pins R1 to R18 and
C1 to C80
[5] -
20
130
mV
∆VLCD
LCD voltage variation
Tamb =25 °C
[3]
VLCD < 3 V
-
-
160
mV
VLCD < 4 V
-
-
200
mV
VLCD < 5 V
-
-
260
mV
VLCD < 6 V
-
-
340
mV
Table 35.
Static characteristics …continued
VDD1 = 1.5 V to 5.5 V; VDD2 =VDD3 = 2.2 V to 4.0 V; VSS =0V;VLCD = 2.2 V to 6.5 V; Tamb = −40 °C to +85 °C;
unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79