công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS4DDR32M72-8/XT bảng dữ liệu(PDF) 11 Page - Austin Semiconductor

tên linh kiện AS4DDR32M72-8/XT
Giải thích chi tiết về linh kiện  32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AUSTIN [Austin Semiconductor]
Trang chủ  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4DDR32M72-8/XT bảng dữ liệu(HTML) 11 Page - Austin Semiconductor

Back Button AS4DDR32M72-8/XT Datasheet HTML 7Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 8Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 9Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 10Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 11Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 12Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 13Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 14Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 15Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
iiiiiPEM
PEM
PEM
PEM
PEM
2.4G
2.4G
2.4G
2.4G
2.4Gb SDRAM-DDR
b SDRAM-DDR
b SDRAM-DDR
b SDRAM-DDR
b SDRAM-DDR
AS4DDR32M72PBG
AS4DDR32M72PBG
Rev. 1.2 06/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
11
Austin Semiconductor, Inc.
Parameter
Unit
Voltage on VCC, VCCQ Supply relative to VSS
-1 ot 3.6
V
Voltage on I/O pins relative to VSS
-1 ot 3.6
V
Operating Temperature TA (Mil)
-55 to +125
oC
Operating Temperature TA (Ind)
-40 to +85
oC
Storage Temperature, Plastic
-55 to +150
oC
Note: Stress greater than those listed under "Absolute Maximum Ratings" may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions greater than those indicated in the
operational conditions for extended periods may affect reliability.
ABSOLUTE MAXIMUM RATINGS
CAPACITANCE (NOTE 13)
Parameter
Symbol
Max
Unit
Input Capacitance: CLK
C11
8pF
Addresses, BA0-1 Input Capacitance
CA
30
pF
Input Capacitance: All other input-only pins
C12
9pF
Input/Output Capacitance: I/O's
C10
12
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com