công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS4DDR32M72-8/XT bảng dữ liệu(PDF) 8 Page - Austin Semiconductor

tên linh kiện AS4DDR32M72-8/XT
Giải thích chi tiết về linh kiện  32Mx72 DDR SDRAM iNTEGRATED Plastic Encapsulated Microcircuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AUSTIN [Austin Semiconductor]
Trang chủ  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4DDR32M72-8/XT bảng dữ liệu(HTML) 8 Page - Austin Semiconductor

Back Button AS4DDR32M72-8/XT Datasheet HTML 4Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 5Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 6Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 7Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 8Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 9Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 10Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 11Page - Austin Semiconductor AS4DDR32M72-8/XT Datasheet HTML 12Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
iiiiiPEM
PEM
PEM
PEM
PEM
2.4G
2.4G
2.4G
2.4G
2.4Gb SDRAM-DDR
b SDRAM-DDR
b SDRAM-DDR
b SDRAM-DDR
b SDRAM-DDR
AS4DDR32M72PBG
AS4DDR32M72PBG
Rev. 1.2 06/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
8
Austin Semiconductor, Inc.
T0
T1
T2
T2n
T3
T3n
COMMAND
DQS
DQ
T0
T1
T2
T2n
T3
T3n
COMMAND
READ
NOP
NOP
NOP
CL = 2
CLK
CLK
READ
NOP
NOP
NOP
DQ
DQS
CLK
CLK
CL = 2.5
Burst Length = 4 in the cases shown
Shown with nominal tAC and nominal tDSDQ
DATA
DON'T CARE
TRANSITIONING DATA
BA1 BA0 A12 A11 A10 A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Address Bus
DLL
DS
Operating Mode
11
01
QFC#
Extended Mode
Register (Ex)
DLL
Enable
Disable
E0
0
1
Drive Strength
Normal
Reduced
E1
0
1
QFC# Function
Disabled
Reserved
E22
0
-
Operating Mode
Reserved
Reserved
E2, E1, E0
Valid
-
E12
0
-
E10
0
-
E9
0
-
E8
0
-
E7
0
-
E6
0
-
E5
0
-
E4
0
-
E3
0
-
0
-
E11
1. E14 and E13 must be "0, 1" to select the Extended Mode Register (vs. the base Mode Register)
2. The QFE# function is not supported.
FIGURE 2 - CAS LATENCY
FIGURE 3 - EXTENDED MODE REGISTER
DEFINITION
OUTPUT DRIVE STRENGTH
The normal full drive strength for all outputs are specified to
be SSTL2, Class II. The DDR SDRAM supports an option for
reduced drive. This option is intended for the support of the
lighter load and/or point-to-point environments. The selection
of the reduced drive strength will alter the DQs and DQSs
from SSTL2, Class II drive strength to a reduced drive strength,
which is approximately 54 percent of the SSTL2, Class II
drive strength.
DLL ENABLE/DISABLE
The DLL must be enabled for normal operation. DLL enable
is required during power-up initialization and upon returning
to normal operation after having disabled the DLL for the
purpose of debug or evaluation. (When the device exits self
refresh mode, the DLL is enabled automatically.) Any time
the DLL is enabled, 200 clock cycles must occur before a
READ command can be issued.
COMMANDS
The Truth Table provides a quick reference of available
commands. This is followed by a written description of each
command.
DESELECT
The DESELECT function (CS# HiGH) prevents new
commands from being executed by the DDR SDRAM. The
SDRAM is effectively deselected. Operations already in
progress are not affected.
NO OPERATION (NOP)
The NO OPERATION (NOP) command is used to perform a
NOP to the selected DDR SDRAM (CS# is LOW). This
prevents unwanted commands from being registered during
idle or wait states. Operations already in progress are not
affected.
LOAD MODE REGISTER
The Mode Registers are loaded via inputs A0-12. The LOAD
MODE REGISTER command can only be issued when all
banks are idle, and a subsequent executable command
cannot be issued until tMRD is met.
ACTIVE
The ACTIVE command is used to open (or activate) a row in
a particular bank for a subsequent access. The value on
the BA0, BA1 inputs selects the bank, and the address
provided on inputs A0-12 selects the row. This row remains
active (or open) for accesses until a PRECHARGE
command is issued to that bank. A PRECHARGE command
must be issued before opening a different row in the same
bank.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com