| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HS-3000 bảng dữ liệu(PDF) 26 Page - BOSER Technology Co., Ltd |
|
|
|||||||||||||||||||||||||||||
HS-3000 bảng dữ liệu(HTML) 26 Page - BOSER Technology Co., Ltd |
|
26 / 46 page ![]() 20 3.11 PCI E-IDE Drive Connector One standard 40-pin header daisy-chain driver connector provides as CN10 with following pin assignment. Total two IDE (Integrated Device Electronics) drivers may connect. CN10: IDE Connector PIN Description PIN Description 1 Reset 2 GND 3 DATA 7 4 DATA 8 5 DATA 6 6 DATA 9 7 DATA 5 8 DATA 10 9 DATA 4 10 DATA 11 11 DATA 3 12 DATA 12 13 DATA 2 14 DATA 13 15 DATA 1 16 DATA 14 17 DATA 0 18 DATA 15 19 GND 20 N/C 21 N/C 22 GND 23 IOW# 24 GND 25 IOR# 26 GND 27 N/C 28 Bale – Default 29 N/C 30 GND - Default 31 Interrupt 32 IOCS16# - Default 33 SA1 34 N/C 35 SA0 36 SA2 37 HDC CS0 38 HDC CS1# 39 HDD Active 40 GND 1 2 40 39 |