công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY7C144-35AI bảng dữ liệu(PDF) 20 Page - Cypress Semiconductor

tên linh kiện CY7C144-35AI
Giải thích chi tiết về linh kiện  8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C144-35AI bảng dữ liệu(HTML) 20 Page - Cypress Semiconductor

Back Button CY7C144-35AI Datasheet HTML 12Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 13Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 14Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 15Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 16Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 17Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 18Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 19Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 20Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
Document #: 38-06034 Rev. *E
Revised April 26, 2009
Page 20 of 20
All products and company names mentioned in this document may be the trademarks of their respective holders.
CY7C144, CY7C145
© Cypress Semiconductor Corporation, 2005-2009. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used
for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use
as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support
systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Any Source Code (software and/or firmware) is owned by Cypress Semiconductor Corporation (Cypress) and is protected by and subject to worldwide patent protection (United States and foreign),
United States copyright laws and international treaty provisions. Cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of,
and compile the Cypress Source Code and derivative works for the sole purpose of creating custom software and or firmware in support of licensee product to be used only in conjunction with a Cypress
integrated circuit as specified in the applicable agreement. Any reproduction, modification, translation, compilation, or representation of this Source Code except as specified above is prohibited without
the express written permission of Cypress.
Disclaimer: CYPRESS MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARD TO THIS MATERIAL, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES
OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE. Cypress reserves the right to make changes without further notice to the materials described herein. Cypress does not
assume any liability arising out of the application or use of any product or circuit described herein. Cypress does not authorize its products for use as critical components in life-support systems where
a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress’ product in a life-support systems application implies that the manufacturer
assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Use may be limited by and subject to the applicable Cypress software license agreement.
Document History Page
Sales, Solutions and Legal Information
Worldwide Sales and Design Support
Cypress maintains a worldwide network of offices, solution centers, manufacturer’s representatives, and distributors. To find the office
closest to you, visit us at cypress.com/sales.
Products
PSoC
psoc.cypress.com
Clocks & Buffers
clocks.cypress.com
Wireless
wireless.cypress.com
Memories
memory.cypress.com
Image Sensors
image.cypress.com
PSoC Solutions
General
psoc.cypress.com/solutions
Low Power/Low Voltage
psoc.cypress.com/low-power
Precision Analog
psoc.cypress.com/precision-analog
LCD Drive
psoc.cypress.com/lcd-drive
CAN 2.0b
psoc.cypress.com/can
USB
psoc.cypress.com/usb
Document Title: CY7C145, CY7C144 8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
Document Number: 38-06034
Rev.
ECN No.
Orig. of
Change
Submission
Date
Description of Change
**
110175
SZV
09/29/01
Change from Spec number: 38-00163 to 38-06034
*A
122285
RBI
12/27/02
Power up requirements added to Maximum Ratings Information
*B
236752
YDT
See ECN
Removed cross information from features section, added CY7C144-15AI to
ordering information section
*C
393320
YIM
See ECN
Added Pb-Free Logo
Added Pb-Free parts to ordering information:
CY7C144-15AXC, CY7C144-15JXC, CY7C144-15AXI, CY7C144-25AXC,
CY7C144-55AXC, CY7C144-55JXC, CY7C145-15AXC, CY7C145-35JXC
*D
2623658
VKN/PYRS
12/17/2008 Added CY7C144-15JXI in the Ordering information table
*E
2699693
VKN/PYRS
04/29/2009 Corrected defective Logic Block diagram, Pinouts and Package diagrams
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com