công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY7C144-35AI bảng dữ liệu(PDF) 1 Page - Cypress Semiconductor

tên linh kiện CY7C144-35AI
Giải thích chi tiết về linh kiện  8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C144-35AI bảng dữ liệu(HTML) 1 Page - Cypress Semiconductor

  CY7C144-35AI Datasheet HTML 1Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 2Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 3Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 4Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 5Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 6Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 7Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 8Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
CY7C144, CY7C145
8K x 8/9 Dual-Port Static RAM
with SEM, INT, BUSY
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document #: 38-06034 Rev. *E
Revised April 26, 2009
Features
■ True Dual-Ported Memory Cells that Enable Simultaneous
Reads of the same Memory Location
■ 8K x 8 Organization (CY7C144)
■ 8K x 9 Organization (CY7C145)
■ 0.65-Micron CMOS for optimum Speed and Power
■ High Speed Access: 15 ns
■ Low Operating Power: ICC = 160 mA (max.)
■ Fully Asynchronous Operation
■ Automatic Power Down
■ TTL Compatible
■ Master/Slave Select Pin enables Bus Width Expansion to 16/18
Bits or more
■ Busy Arbitration Scheme provided
■ Semaphores included to permit Software Handshaking
between Ports
■ INT Flag for Port-to-Port Communication
■ Available in 68-pin PLCC, 64-pin and 80-pin TQFP
■ Pb-free Packages available
Functional Description
The CY7C144 and CY7C145 are high speed CMOS 8K x 8 and
8K x 9 dual-port static RAMs. Various arbitration schemes are
included on the CY7C144/5 to handle situations when multiple
processors access the same piece of data. Two ports are
provided permitting independent, asynchronous access for
reads and writes to any location in memory. The CY7C144/5 can
be used as a standalone 64/72-Kbit dual-port static RAM or
multiple devices can be combined in order to function as a
16/18-bit or wider master/slave dual-port static RAM. An M/S pin
is provided for implementing 16/18-bit or wider memory applica-
tions without the need for separate master and slave devices or
additional discrete logic. Application areas include interpro-
cessor/multiprocessor
designs,
communications
status
buffering, and dual-port video/graphics memory.
Each port has independent control pins: chip enable (CE), read
or write enable (R/W), and output enable (OE). Two flags, BUSY
and INT, are provided on each port. BUSY signals that the port
is trying to access the same location currently being accessed
by the other port. The interrupt flag (INT) permits communication
between ports or systems by means of a mail box. The
semaphores are used to pass a flag, or token, from one port to
the other to indicate that a shared resource is in use. The
semaphore logic is comprised of eight shared latches. Only one
side can control the latch (semaphore) at any time. Control of a
semaphore indicates that a shared resource is in use. An
automatic power down feature is controlled independently on
each port by a chip enable (CE) pin or SEM pin.
R/W L
CEL
OEL
A12L
A0L
A 0R
A 12R
R/W R
CER
OER
CE R
OE R
CEL
OEL
R/W L
R/W R
I/O7L
I/O0L
I/O 7R
I/O 0R
INTERRUPT
SEMAPHORE
ARBITRATION
CONTROL
I/O
CONTROL
I/O
MEMORY
ARRAY
ADDRESS
DECODER
ADDRESS
DECODER
SEM L
SEMR
BUSYL
BUSYR
INT L
INTR
M/S
(7C145) I/O8L
I/O 8R(7C145)
[1, 2]
[2]
[1, 2]
[2]
Logic Block Diagram
Notes
1. BUSY is an output in master mode and an input in slave mode.
2. Interrupt: push-pull output and requires no pull-up resistor.
[+] Feedback


Số phần tương tự - CY7C144-35AI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cypress Semiconductor
CY7C144-35AI CYPRESS-CY7C144-35AI Datasheet
391Kb / 19P
8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144-35AI CYPRESS-CY7C144-35AI Datasheet
607Kb / 20P
8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
More results

Mô tả tương tự - CY7C144-35AI

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cypress Semiconductor
CY7B139 CYPRESS-CY7B139 Datasheet
530Kb / 14P
4K x8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C006 CYPRESS-CY7C006 Datasheet
321Kb / 16P
16K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C145 CYPRESS-CY7C145 Datasheet
391Kb / 19P
8K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C138 CYPRESS-CY7C138_05 Datasheet
476Kb / 16P
4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C144 CYPRESS-CY7C144 Datasheet
607Kb / 20P
8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024A CYPRESS-CY7C024A Datasheet
535Kb / 21P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C024 CYPRESS-CY7C024_09 Datasheet
535Kb / 21P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C138 CYPRESS-CY7C138_09 Datasheet
567Kb / 17P
4K x 8/9 Dual-Port Static RAM with Sem, Int, Busy
CY7C024E CYPRESS-CY7C024E Datasheet
431Kb / 22P
4K x 16/18 and 8K x 16/18 Dual-Port Static RAM with SEM, INT, BUSY
CY7C144E CYPRESS-CY7C144E Datasheet
557Kb / 23P
8K 횞 8 Dual-Port Static RAM with SEM, INT, BUSY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com