công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY7C144-35AI bảng dữ liệu(PDF) 7 Page - Cypress Semiconductor

tên linh kiện CY7C144-35AI
Giải thích chi tiết về linh kiện  8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C144-35AI bảng dữ liệu(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C144-35AI Datasheet HTML 3Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 4Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 5Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 6Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 7Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 8Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 9Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 10Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
CY7C144, CY7C145
Document #: 38-06034 Rev. *E
Page 7 of 20
Electrical Characteristics
Over the Operating Range (continued)
Parameter
Description
Test Conditions
7C144-35
7C145-35
7C144-55
7C145-55
Unit
Min
Max
Min
Max
VOH
Output HIGH Voltage
VCC = Min., IOH = −4.0 mA
2.4
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 4.0 mA
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
2.2
V
VIL
Input LOW Voltage
0.8
0.8
V
IIX
Input Leakage Current
GND < VI < VCC
−10
+10
−10
+10
μA
IOZ
Output Leakage Current
Outputs Disabled, GND < VO < VCC
−10
+10
−10
+10
μA
ICC
Operating Current
VCC = Max., IOUT = 0 mA
Outputs Disabled
Commercial
160
160
mA
Industrial
180
180
ISB1
Standby Current
(Both Ports TTL Levels)
CEL and CER > VIH,
f = fMAX[7]
Commercial
30
30
mA
Industrial
40
40
ISB2
Standby Current
(One Port TTL Level)
CEL or CER > VIH,
f = fMAX[7]
Commercial
100
100
mA
Industrial
110
110
ISB3
Standby Current
(Both Ports CMOS Levels)
Both Ports
CE and CER > VCC – 0.2V,
VIN > VCC – 0.2V
or VIN < 0.2V, f = 0[7]
Commercial
15
15
mA
Industrial
30
30
ISB4
Standby Current
(One Port CMOS Level)
One Port
CEL or CER > VCC – 0.2V,
VIN > VCC – 0.2V or
VIN < 0.2V, Active
Port Outputs, f = fMAX[7]
Commercial
90
90
mA
Industrial
100
100
Capacitance
Tested initially and after any design or process changes that may affect these parameters.
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
10
pF
COUT
Output Capacitance
15
pF
Figure 4. AC Test Loads and Waveforms
3.0V
GND
90%
90%
10%
≤ 3ns
≤ 3 ns
10%
ALL INPUT PULSES
(a) Normal Load (Load1)
5V
OUTPUT
C= 30 pF
VTH = 1.4V
OUTPUT
C = 30pF
(b) Thévenin Equivalent (Load 1)
(c) Three-State Delay (Load 3)
C= 30 pF
OUTPUT
Load (Load 2)
5V
OUTPUT
C= 5 pF
R1 = 893
Ω
R2 = 347
Ω
RTH = 250Ω
R1 = 893
Ω
R = 347
Ω
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com