công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY7C144-35AI bảng dữ liệu(PDF) 4 Page - Cypress Semiconductor

tên linh kiện CY7C144-35AI
Giải thích chi tiết về linh kiện  8K x 8/9 Dual-Port Static RAM with SEM, INT, BUSY
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C144-35AI bảng dữ liệu(HTML) 4 Page - Cypress Semiconductor

  CY7C144-35AI Datasheet HTML 1Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 2Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 3Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 4Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 5Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 6Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 7Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 8Page - Cypress Semiconductor CY7C144-35AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
CY7C144, CY7C145
Document #: 38-06034 Rev. *E
Page 4 of 20
Architecture
The CY7C144/5 consists of a an array of 8K words of 8/9 bits
each of dual-port RAM cells, I/O and address lines, and control
signals (CE, OE, R/W). These control pins permit independent
access for reads or writes to any location in memory. To handle
simultaneous writes or reads to the same location, a BUSY pin
is provided on each port. Two interrupt (INT) pins can be used
for port-to-port communication. Two semaphore (SEM) control
pins are used for allocating shared resources. With the M/S pin,
the CY7C144/5 can function as a Master (BUSY pins are
outputs) or as a slave (BUSY pins are inputs). The CY7C144/5
has an automatic power down feature controlled by CE. Each
port is provided with its own output enable control (OE), which
allows data to be read from the device.
Functional Description
Write Operation
Data must be set up for a duration of tSD before the rising edge
of R/W to guarantee a valid write. A write operation is controlled
by either the OE pin (see Figure 8 on page 11) or the R/W pin
(see Write Cycle No. 2 waveform). Data can be written to the
device tHZOE after the OE is deasserted or tHZWE after the falling
edge of R/W. Required inputs for non-contention operations are
summarized in Table 3.
If a location is being written to by one port and the opposite port
attempts to read that location, a port-to-port flowthrough delay
must be met before the data is read on the output; otherwise the
data read is not deterministic. Data will be valid on the port tDDD
after the data is presented on the other port.
Read Operation
When reading the device, the user must assert both the OE and
CE pins. Data will be available tACE after CE or tDOE after OE are
asserted. If the user of the CY7C144/5 wishes to access a
semaphore flag, then the SEM pin must be asserted instead of
the CE pin.
Interrupts
The interrupt flag (INT) permits communications between
ports.When the left port writes to location 1FFF, the right port’s
interrupt flag (INTR) is set. This flag is cleared when the right port
reads that same location. Setting the left port’s interrupt flag
(INTL) is accomplished when the right port writes to location
1FFE. This flag is cleared when the left port reads location 1FFE.
The message at 1FFF or 1FFE is user-defined. See Table 4 for
input requirements for INT. INTR and INTL are push-pull outputs
and do not require pull-up resistors to operate.
Busy
The CY7C144/5 provides on-chip arbitration to alleviate simulta-
neous memory location access (contention). If both ports’ CEs
are asserted and an address match occurs within tPS of each
other the Busy logic determines which port has access. If tPS is
violated, one port will definitely gain permission to the location,
but it is not guaranteed which one. BUSY will be asserted tBLA
after an address match or tBLC after CE is taken LOW. BUSYL
and BUSYR in master mode are push-pull outputs and do not
require pull-up resistors to operate.
Master/Slave
An M/S pin is provided in order to expand the word width by
configuring the device as either a master or a slave. The BUSY
output of the master is connected to the BUSY input of the slave.
This enables the device to interface to a master device with no
external components.Writing of slave devices must be delayed
until after the BUSY input has settled. Otherwise, the slave chip
may begin a write cycle during a contention situation.When
presented a HIGH input, the M/S pin allows the device to be used
as a master and therefore the BUSY line is an output. BUSY can
then be used to send the arbitration outcome to a slave.
Semaphore Operation
The CY7C144/5 provides eight semaphore latches which are
separate from the dual-port memory locations. Semaphores are
used to reserve resources that are shared between the two
ports.The state of the semaphore indicates that a resource is in
use. For example, if the left port wants to request a given
resource, it sets a latch by writing a 0 to a semaphore location.
The left port then verifies its success in setting the latch by
reading it. After writing to the semaphore, SEM or OE must be
deasserted for tSOP before attempting to read the semaphore.
The semaphore value is available tSWRD + tDOE after the rising
edge of the semaphore write. If the left port was successful
(reads a 0), it assumes control over the shared resource,
otherwise (reads a 1) it assumes the right port has control and
continues to poll the semaphore.When the right side has relin-
quished control of the semaphore (by writing a 1), the left side
will succeed in gaining control of the semaphore. If the left side
no longer requires the semaphore, a 1 is written to cancel its
request.
Semaphores are accessed by asserting SEM LOW. The SEM
pin functions as a chip enable for the semaphore latches (CE
must remain HIGH during SEM LOW). A0–2 represents the
semaphore address. OE and R/W are used in the same manner
as a normal memory access.When writing or reading a
semaphore, the other address pins have no effect.
When writing to the semaphore, only I/O0 is used. If a 0 is written
to the left port of an unused semaphore, a 1 appears at the same
semaphore address on the right port. That semaphore can now
only be modified by the side showing 0 (the left port in this case).
If the left port now relinquishes control by writing a 1 to the
semaphore, the semaphore will be set to 1 for both sides.
However, if the right port had requested the semaphore (written
a 0) while the left port had control, the right port would immedi-
ately own the semaphore as soon as the left port released it.
Table 5 shows sample semaphore operations.
When reading a semaphore, all eight/nine data lines output the
semaphore value. The read value is latched in an output register
to prevent the semaphore from changing state during a write
from the other port. If both ports attempt to access the
semaphore within tSPS of each other, the semaphore is definitely
obtained by one side or the other, but there is no guarantee which
side controls the semaphore.
Initialization of the semaphore is not automatic and must be reset
during initialization program at power up. All Semaphores on
both sides should have a one written into them at initialization
from both sides to assure that they are free when needed.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com