công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F241FN bảng dữ liệu(PDF) 77 Page - Texas Instruments

tên linh kiện TMS320F241FN
Giải thích chi tiết về linh kiện  DSP CONTROLLERS
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F241FN bảng dữ liệu(HTML) 77 Page - Texas Instruments

Back Button TMS320F241FN Datasheet HTML 73Page - Texas Instruments TMS320F241FN Datasheet HTML 74Page - Texas Instruments TMS320F241FN Datasheet HTML 75Page - Texas Instruments TMS320F241FN Datasheet HTML 76Page - Texas Instruments TMS320F241FN Datasheet HTML 77Page - Texas Instruments TMS320F241FN Datasheet HTML 78Page - Texas Instruments TMS320F241FN Datasheet HTML 79Page - Texas Instruments TMS320F241FN Datasheet HTML 80Page - Texas Instruments TMS320F241FN Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 116 page
background image
TMS320F243, TMS320F241
DSP CONTROLLERS
SPRS064B – DECEMBER 1997 – REVISED FEBRUARY 1999
77
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
CLOCK CHARACTERISTICS AND TIMINGS
clock options
PARAMETER
PLL multiply-by-4
The ’F243/’F241 devices include an on-chip PLL which is hardwired for multiply-by-4 operation. This requires
the use of a 5-MHz clock input frequency for 20-MHz device operation. This input clock can be provided from
either an external reference crystal or oscillator.
external reference crystal clock option
The internal oscillator is enabled by connecting a crystal across XTAL1/CLKIN and XTAL2 pins as shown in
Figure 20a. The crystal should be in fundamental operation and parallel resonant, with an effective series
resistance of 30
Ω and a power dissipation of 1 mW; it should be specified at a load capacitance of 20 pF.
external reference oscillator clock option
The internal oscillator is disabled by connecting a TTL-level clock signal to XTAL1/CLKIN and leaving the XTAL2
input pin unconnected as shown in Figure 20b.
External
Clock Signal
(toggling 0 – 5 V)
C2
(see Note A)
C1
(see Note A)
Crystal
XTAL2
XTAL1/CLKIN
XTAL1/CLKIN
XTAL2
NC
NOTE A: For the values of C1 and C2, see the crystal manufacturer’s specification.
(a)
(b)
Figure 20. Recommended Crystal / Clock Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com