công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320F241FN bảng dữ liệu(PDF) 45 Page - Texas Instruments

tên linh kiện TMS320F241FN
Giải thích chi tiết về linh kiện  DSP CONTROLLERS
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320F241FN bảng dữ liệu(HTML) 45 Page - Texas Instruments

Back Button TMS320F241FN Datasheet HTML 41Page - Texas Instruments TMS320F241FN Datasheet HTML 42Page - Texas Instruments TMS320F241FN Datasheet HTML 43Page - Texas Instruments TMS320F241FN Datasheet HTML 44Page - Texas Instruments TMS320F241FN Datasheet HTML 45Page - Texas Instruments TMS320F241FN Datasheet HTML 46Page - Texas Instruments TMS320F241FN Datasheet HTML 47Page - Texas Instruments TMS320F241FN Datasheet HTML 48Page - Texas Instruments TMS320F241FN Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 116 page
background image
TMS320F243, TMS320F241
DSP CONTROLLERS
SPRS064B – DECEMBER 1997 – REVISED FEBRUARY 1999
45
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
peripherals
The integrated peripherals of the TMS320x24x are described in the following subsections:
D External memory interface (’F243 only)
D Event-manager (EV2) module
D Analog-to-digital converter (ADC) module
D Serial peripheral interface (SPI) module
D Serial communications interface (SCI) module
D Controller area network (CAN) module
D Watchdog (WD) timer module
external memory interface (’F243 only)
The TMS320F243 can address up to 64K
× 16 words of memory (or registers) in each of the program, data,
and I / O spaces. On-chip memory, when enabled, occupies some of this off-chip range. In data space, the high
32K words can be mapped dynamically either locally or globally using the global memory allocation register
(GREG) as described in the
TMS320C241/C242/C243 DSP Controllers CPU, System, Instruction Set, and
Peripherals Reference Guide (literature number SPRU276). Access to a data-memory location, that is mapped
as global, asserts the BR pin low.
The CPU of the TMS320F243 schedules a program fetch, data read, and data write on the same machine cycle.
This is because from on-chip memory, the CPU can execute all three of these operations in the same cycle.
However, the external interface multiplexes the internal buses to one address and one data bus. The external
interface sequences these operations to complete first the data write, then the data read, and finally the program
read.
The ’F243 supports a wide range of system interfacing requirements. Program, data, and I/O address spaces
provide interface to memory and I/O, thereby maximizing system throughput. The full 16-bit address and data
bus, along with the PS, DS, and IS space-select signals, allow addressing of 64K 16-bit words in program, data,
and I/O space. Since on-chip peripheral registers occupy positions of data-memory space, the externally
addressable data-memory space is 32K 16-bit words.
I/O design is simplified by having I/O treated the same way as memory. I/O devices are accessed in the I/O
address space using the processor’s external address and data buses in the same manner as memory-mapped
devices.
The ’F243 external parallel interface provides various control signals to facilitate interfacing to the device. The
R/W output signal is provided to indicate whether the current cycle is a read or a write. The STRB output signal
provides a timing reference for all external cycles. For convenience, the device also provides the RD and the
WE output signals, which indicate a read and a write cycle, respectively, along with timing information for those
cycles. The availability of these signals minimizes external gating necessary for interfacing external devices to
the ’F243.
The bus request (BR) signal is used in conjunction with other ’F243 interface signals to arbitrate external global
memory accesses. Global memory is external data memory space in which the BR signal is asserted at the
beginning of the access. When an external global memory device receives the bus request, it responds by
asserting the READY signal after the global memory access is arbitrated and the global access is completed.
The TMS320F243 supports zero-wait-state reads on the external interface. However, to avoid bus conflicts,
writes take two cycles. This allows the TMS320F243 to buffer the transition of the data bus from input to output
(or output to input) by a half cycle. In most systems, TMS320F243 ratio of reads to writes is significantly large
to minimize the overhead of the extra cycle on writes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com