| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74ACT8997 bảng dữ liệu(PDF) 16 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74ACT8997 bảng dữ liệu(HTML) 16 Page - Texas Instruments |
|
16 / 28 page ![]() SN54ACT8997, SN74ACT8997 SCAN-PATH LINKERS WITH 4-BIT IDENTIFICATION BUSES SCAN-CONTROLLED IEEE STD 1149.1 (JTAG) TAP CONCATENATORS SCAS157D – APRIL 1990 – REVISED DECEMBER 1996 16 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 data flow description The direction of serial-data flow in the ’ACT8997 is dependent on the current instruction and value of the SR. Figure 8 shows the data flow when one or more SSPs have been selected. When more than one SSP has been selected, the order of scan is determined by which SSPs have been selected as shown in Table 9. The ’ACT8997 add one bit of delay from TDI or DTDI to DTDO. TDI DTDOn TDI TDO DTDIn TDO (1-bit delay) SSPn TDI TDO IR or Selected DR Selected Scan Path NO SECONDARY SCAN PATH SELECTED ONE SECONDARY SCAN PATH SELECTED TDI DTDOx TDI TDO DTDIm TDO (1-bit delay) SSPx IR or Selected DR Selected Scan Path MULTIPLE SECONDARY SCAN PATHS SELECTED DTDIx DTDOn (1-bit delay) TDI TDO SSPn Selected Scan Path DTDIn DTDOm (1-bit delay) TDI TDO SSPm Selected Scan Path ’ACT8997 ’ACT8997 ’ACT8997 ’ACT8997 ’ACT8997 ’ACT8997 ’ACT8997 IR or Selected DR Figure 8. Data Flow in the ’ACT8997 |