| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M68HC08 bảng dữ liệu(PDF) 40 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68HC08 bảng dữ liệu(HTML) 40 Page - Freescale Semiconductor, Inc |
|
40 / 188 page ![]() Memory Data Sheet MC68HC908RF2 — Rev. 4.0 40 Memory MOTOROLA LDHX #$7800 ;Address in the range to erase JSR ERARNGE ;Call through jump table ;************************************************************; ; CALLING EXAMPLE FOR PROGRAM A RANGE (RNGEPROG) ;************************************************************* MOV #’P’,DATA MOV #’R’,DATA+1 MOV #’O’,DATA+2 MOV #’G’,DATA+3 MOV #’T’,DATA+4 MOV #’E’,DATA+5 MOV #’S’,DATA+6 MOV #’T’,DATA+7 MOV #$08,CPUSPD ;Load Bus frequency in MHz * 4 MOV #$0A,BUMPS ;Load max number of programming steps ;before a failure is returned LDHX #$7807 ;Load the last address to program STHX LADDR ;into LADDR LDHX #$7800 ;Load the first address to program ;into H:X ;This range may cross page boundaries ;and may be any length, so long as the ;data to program is loaded in RAM ;beginning at DATA. JSR PRGRNGE ;Call through jump table. ;************************************************************** ; CALLING EXAMPLE FOR REDUNDANT PROGRAM A ROW (REDPROG) ;************************************************************** MOV #$56,DATA MOV #’P’,DATA+1 MOV #’R’,DATA+2 MOV #’O’,DATA+3 MOV #’G’,DATA+4 MOV #’R’,DATA+5 MOV #’E’,DATA+6 MOV #’D’,DATA+7 MOV #$08,CPUSPD ;Load Bus frequency in MHz * 4 MOV #$0A,BUMPS ;Load max number of programming steps ;before a failure is returned ;Set erase time in uS/24 LDHX #100000/24 STHX DERASE LDHX #$7808 ;Load the last address of the multi-row ;range; (in this case, 2 rows) STHX LADDR ;into LADDR LDHX #$7800 ;Load the first address of the ;multi-row range into H:X JSR REDPROG ;Call through jump table. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |