công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M68HC08 bảng dữ liệu(PDF) 25 Page - Freescale Semiconductor, Inc

tên linh kiện M68HC08
Giải thích chi tiết về linh kiện  Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 bảng dữ liệu(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 21Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 22Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 23Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 24Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 25Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 26Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 27Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 28Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 188 page
background image
Memory
Input/Output Section
MC68HC908RF2 — Rev. 4.0
Data Sheet
MOTOROLA
Memory
25
$0028
Timer Channel 1 Status and
Control Register (TSC1)
See page 143.
Read:
CH1F
CH1IE
0
MS1A
ELS1B
ELS1A
TOV1
CH1MAX
Write:
0
Reset:
00000000
$0029
Timer Channel 1 Register
High (TCH1H)
See page 146.
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
Reset:
Indeterminate after reset
$002A
Timer Channel 1 Register
Low (TCH1L)
See page 146.
Read:
Bit 7
654321
Bit 0
Write:
Reset:
Indeterminate after reset
$002B
↓
$0035
Unimplemented
$0036
Internal Clock Generator
Control Register (ICGCR)
See page 88.
Read:
CMIE
CMF
CMON
CS
ICGON
ICGS
ECGON
ECGS
Write:
Reset:
00001000
$0037
Internal Clock Generator
Multiplier Register (ICGMR)
See page 90.
Read:
R
N6N5
N4N3N2N1N0
Write:
Reset:
00010101
$0038
Internal Clock Generator
Trim Register (ICGTR)
See page 90.
Read:
TRIM7
TRIM6
TRIM5
TRIM4
TRIM3
TRIM2
TRIM1
TRIM0
Write:
Reset:
10000000
$0039
ICG DCO Divider
Control Register (ICGDVR)
See page 91.
Read:
RRRR
DDIV3
DDIV2
DDIV1
DDIV0
Write:
Reset:
0000
UUUU
$003A
ICG DCO Stage Register
(ICGDSR)
See page 91.
Read:
DSTG7
DSTG6
DSTG5
DSTG4
DSTG3
DSTG2
DSTG1
DSTG0
Write:
Reset:
Unaffected by reset
$003B
Reserved
RRRRRRRR
$003C
↓
$003F
Unimplemented
$FE00
SIM Break Status Register
(SBSR)
See page 126.
Read:
RRRRRR
SBSW
R
Write:
See Note
Reset:
0
Note: Writing a 0 clears SBSW
Addr.
Register Name
Bit 7
654321
Bit 0
= Unimplemented
R
= Reserved U = Unaffected X = Indeterminate
Figure 2-2. Control, Status, and Data Registers (Sheet 3 of 5)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More