công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F6493 bảng dữ liệu(PDF) 13 Page - Microchip Technology

tên linh kiện PIC18F6493
Giải thích chi tiết về linh kiện  64/80-Pin High Performance,
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6493 bảng dữ liệu(HTML) 13 Page - Microchip Technology

Back Button PIC18F6493 Datasheet HTML 9Page - Microchip Technology PIC18F6493 Datasheet HTML 10Page - Microchip Technology PIC18F6493 Datasheet HTML 11Page - Microchip Technology PIC18F6493 Datasheet HTML 12Page - Microchip Technology PIC18F6493 Datasheet HTML 13Page - Microchip Technology PIC18F6493 Datasheet HTML 14Page - Microchip Technology PIC18F6493 Datasheet HTML 15Page - Microchip Technology PIC18F6493 Datasheet HTML 16Page - Microchip Technology PIC18F6493 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39896A-page 11
PIC18F6393/6493/8393/8493
TABLE 1-2:
PIC18F6X93 PINOUT I/O DESCRIPTIONS
Pin Name
Pin Number Pin
Type
Buffer
Type
Description
TQFP
MCLR/VPP/RG5
MCLR
VPP
RG5
7
I
P
I
ST
ST
Master Clear (input) or programming voltage (input).
Master Clear (Reset) input. This pin is an active-low
Reset to the device.
Programming voltage input.
Digital input.
OSC1/CLKI/RA7
OSC1
CLKI
RA7
39
I
I
I/O
ST
CMOS
TTL
Oscillator crystal or external clock input.
Oscillator crystal input or external clock source input.
ST buffer when configured in RC mode; CMOS otherwise.
External clock source input. Always associated
with pin function OSC1. (See related OSC1/CLKI,
OSC2/CLKO pins.)
General purpose I/O pin.
OSC2/CLKO/RA6
OSC2
CLKO
RA6
40
O
O
I/O
—
—
TTL
Oscillator crystal or clock output.
Oscillator crystal output. Connects to crystal or
resonator in Crystal Oscillator mode.
In RC mode, OSC2 pin outputs CLKO, which has
1/4 the frequency of OSC1 and denotes the
instruction cycle rate.
General purpose I/O pin.
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P
= Power
OD
= Open-Drain (no P diode to VDD)
Note 1: Default assignment for CCP2 when Configuration bit, CCP2MX, is set.
2: Alternate assignment for CCP2 when Configuration bit, CCP2MX, is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58