| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F6493 bảng dữ liệu(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F6493 bảng dữ liệu(HTML) 9 Page - Microchip Technology |
|
9 / 58 page ![]() © 2007 Microchip Technology Inc. Preliminary DS39896A-page 7 PIC18F6393/6493/8393/8493 1.0 DEVICE OVERVIEW This document contains device-specific information for the following devices: This family offers the advantages of all PIC18 microcontrollers – namely, high computational performance at an economical price. In addition to these features, the PIC18F6393/6493/8393/8493 family introduces design enhancements that make these microcontrollers a logical choice for many high-performance, power-sensitive applications. 1.1 Special Features • 12-Bit A/D Converter: This module incorporates programmable acquisition time, allowing for a channel to be selected and a conversion to be initiated without waiting for a sampling period and thus, reduces code overhead. 1.2 Details on Individual Family Members Devices in the PIC18F6393/6493/8393/8493 family are available in 64-pin (PIC18F6X93) and 80-pin (PIC18F8X93) packages. Block diagrams for the two groups are shown in Figure 1-1 and Figure 1-2, respectively. The devices are differentiated from each other in the following ways: • I/O Ports: - 64-pin devices – 7 bidirectional ports - 80-pin devices – 9 bidirectional ports • LCD Pixels: - 64-pin devices – 128 (32 SEGs x 4 COMs) pixels can be driven - 80-pin devices – 192 (48 SEGs x 4 COMs) pixels can be driven • Flash Program Memory: - PIC18FX393 devices – 8 Kbytes - PIC18FX493 devices – 16 Kbytes All other features for devices in this family are identical. These are summarized in Table 1-1. The pinouts for all devices are listed in Table 1-2 and Table 1-3. Like all Microchip PIC18 devices, members of the PIC18F6393/6493/8393/8493 family are available as both standard and low-voltage devices. Standard devices with Flash memory, designated with an “F” in the part number (such as PIC18F6393), accommodate an operating VDD range of 4.2V to 5.5V. Low-voltage parts, designated by “LF” (such as PIC18LF6490), function over an extended VDD range of 2.0V to 5.5V. • PIC18F6393 • PIC18F8393 • PIC18F6493 • PIC18F8493 Note: This data sheet documents only the devices’ features and specifications that are in addition to the features and specifications of the PIC18F6390/6490/8390/8490 devices. For information on the features and specifications shared by the PIC18F6393/ 6493/8393/8493 and PIC18F6390/6490/ 8390/8490 devices, see the “PIC18F6390/ 6490/8390/8490 Data Sheet” (DS39629). |