công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F2002IPW bảng dữ liệu(PDF) 50 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F2002IPW
Giải thích chi tiết về linh kiện  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPW bảng dữ liệu(HTML) 50 Page - Texas Instruments

Back Button MSP430F2002IPW Datasheet HTML 46Page - Texas Instruments MSP430F2002IPW Datasheet HTML 47Page - Texas Instruments MSP430F2002IPW Datasheet HTML 48Page - Texas Instruments MSP430F2002IPW Datasheet HTML 49Page - Texas Instruments MSP430F2002IPW Datasheet HTML 50Page - Texas Instruments MSP430F2002IPW Datasheet HTML 51Page - Texas Instruments MSP430F2002IPW Datasheet HTML 52Page - Texas Instruments MSP430F2002IPW Datasheet HTML 53Page - Texas Instruments MSP430F2002IPW Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
50
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
JTAG and Spy-Bi-Wire Interface
PARAMETER
TEST
CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fSBW
Spy-Bi-Wire input frequency
2.2 V / 3 V
0
20
MHz
tSBW,Low
Spy-Bi-Wire low clock pulse length
2.2 V / 3 V
0.025
15
us
tSBW,En
Spy-Bi-Wire enable time
(TEST high to acceptance of first clock edge, see
Note 1)
2.2 V/ 3 V
1
us
tSBW,Ret
Spy-Bi-Wire return to normal operation time
2.2 V/ 3 V
15
100
us
f
TCK input frequency 4 wire JTAG (see Note 2)
2.2 V
0
5
MHz
fTCK
TCK input frequency -- 4-wire JTAG(seeNote2)
3V
0
10
MHz
RInternal
Internal pull-down resistance on TEST
2.2 V/ 3 V
25
60
90
kΩ
NOTES: 1. Tools accessing the Spy-Bi-Wire interface need to wait for the maximum tSBW,En time after pulling the TEST/SBWTCK pin high
before applying the first SBWTCK clock edge.
2. fTCK may be restricted to meet the timing requirements of the module selected.
JTAG Fuse (see Note 1)
PARAMETER
TEST
CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VCC(FB)
Supply voltage during fuse-blow condition
TA =25°C
2.5
V
VFB
Voltage level on TEST for fuse-blow
6
7
V
IFB
Supply current into TEST during fuse blow
100
mA
tFB
Time to blow fuse
1
ms
NOTES: 1. Once the fuse is blown, no further access to the JTAG/Test, Spy-Bi-Wire, and emulation feature is possible and JTAG is switched
to bypass mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com