công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F2002IPW bảng dữ liệu(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F2002IPW
Giải thích chi tiết về linh kiện  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPW bảng dữ liệu(HTML) 43 Page - Texas Instruments

Back Button MSP430F2002IPW Datasheet HTML 39Page - Texas Instruments MSP430F2002IPW Datasheet HTML 40Page - Texas Instruments MSP430F2002IPW Datasheet HTML 41Page - Texas Instruments MSP430F2002IPW Datasheet HTML 42Page - Texas Instruments MSP430F2002IPW Datasheet HTML 43Page - Texas Instruments MSP430F2002IPW Datasheet HTML 44Page - Texas Instruments MSP430F2002IPW Datasheet HTML 45Page - Texas Instruments MSP430F2002IPW Datasheet HTML 46Page - Texas Instruments MSP430F2002IPW Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
43
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MSP430x20x2 electrical characteristics over recommended ranges of supply voltage and
operating free-air temperature (unless otherwise noted) (continued)
10-bit ADC, temperature sensor and built-in VMID (MSP430x20x2 only)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
I
Temperature sensor supply
REFON = 0, INCHx =0Ah,
2.2 V
40
120
A
ISENSOR
Temperature sensor supply
current (see Note 1)
REFON = 0, INCHx = 0Ah,
TA =25_C
3V
60
160
μA
TCSENSOR
ADC10ON = 1, INCHx = 0Ah
(see Note 2)
2.2 V/3 V
3.44
3.55
3.66
mV/°C
VOffset,Sensor
Sensor offset voltage
ADC10ON = 1, INCHx = 0Ah
(see Note 2)
--100
100
mV
Temperature sensor voltage
at TA = 105°C (T Version only)
2.2 V/3 V
1265
1365
1465
mV
V
Sensor output voltage
Temperature sensor voltage
at TA =85°C
2.2 V/3 V
1195
1295
1395
VSensor
Sensor output voltage
(see Note 3)
Temperature sensor voltage
at TA =25°C
2.2 V/3 V
985
1085
1185
mV
Temperature sensor voltage
at TA =0°C
2.2 V/3 V
895
995
1095
tSensor(sample)
Sample time required if
channel 10 is selected (see
Note 4)
ADC10ON = 1, INCHx = 0Ah,
Error of conversion result ≤ 1LSB
2.2 V/3 V
30
μs
I
Current into divider at channel
ADC10ON 1 INCHx 0Bh
2.2 V
NA
A
IVMID
Current into divider at channel
11 (see Note 5)
ADC10ON = 1, INCHx =0Bh,
3V
NA
μA
V
V
divider at channel 11
ADC10ON = 1, INCHx =0Bh,
2.2 V
1.06
1.1
1.14
V
VMID
VCC divider at channel 11
ADC10ON = 1, INCHx = 0Bh,
VMID is ≈0.5 x VCC
3V
1.46
1.5
1.54
V
t
Sample time required if
channel 11 is selected (see
ADC10ON = 1, INCHx =0Bh,
2.2 V
1400
ns
tVMID(sample)
channel 11 is selected (see
Note 6)
ADC10ON = 1, INCHx = 0Bh,
Error of conversion result ≤ 1LSB
3V
1220
ns
NOTES: 1. The sensor current ISENSOR is consumed if (ADC10ON = 1 and REFON = 1), or (ADC10ON=1 and INCH=0Ah and sample signal
is high). When REFON = 1, ISENSOR is included in IREF+. When REFON = 0, ISENSOR applies during conversion of the temperature
sensor input (INCH = 0Ah).
2. The following formula can be used to calculate the temperature sensor output voltage:
VSensor,typ =TCSensor ( 273 + T [°C] ) + VOffset,sensor [mV] or
VSensor,typ =TCSensor T[°C] + VSensor(TA =0°C) [mV]
3. Values are not based on calculations using TCSensor or VOffset,sensor but on measurements.
4. The typical equivalent impedance of the sensor is 51 kΩ. The sample time required includes the sensor-on time tSENSOR(on).
5. No additional current is needed. The VMID is used during sampling.
6. The on-time tVMID(on) is included in the sampling time tVMID(sample); no additional on time is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com