công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP430F2002IPW bảng dữ liệu(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện MSP430F2002IPW
Giải thích chi tiết về linh kiện  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2002IPW bảng dữ liệu(HTML) 41 Page - Texas Instruments

Back Button MSP430F2002IPW Datasheet HTML 37Page - Texas Instruments MSP430F2002IPW Datasheet HTML 38Page - Texas Instruments MSP430F2002IPW Datasheet HTML 39Page - Texas Instruments MSP430F2002IPW Datasheet HTML 40Page - Texas Instruments MSP430F2002IPW Datasheet HTML 41Page - Texas Instruments MSP430F2002IPW Datasheet HTML 42Page - Texas Instruments MSP430F2002IPW Datasheet HTML 43Page - Texas Instruments MSP430F2002IPW Datasheet HTML 44Page - Texas Instruments MSP430F2002IPW Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
41
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MSP430x20x2 electrical characteristics over recommended ranges of supply voltage and
operating free-air temperature (unless otherwise noted) (continued)
10-bit ADC, external reference (see Note 1, MSP430x20x2 only)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
V
Positive external reference input
VeREF+ >VeREF--
SREF1 = 1, SREF0 = 0
1.4
VCC
V
VeREF+
Positive external reference input
voltage range (see Note 2)
VeREF-- ≤ VeREF+ ≤ VCC -- 0.15V
SREF1=1,SREF0=1(seeNote3)
1.4
3.0
V
VeREF--
Negative external reference input
voltage range (see Note 4)
VeREF+ >VeREF--
0
1.2
V
∆VeREF
Differential external reference input
voltage range
∆VeREF =VeREF+ -- VeREF--
VeREF+ >VeREF-- (see Note 5)
1.4
VCC
V
I
Static input current into V
0V ≤ VeREF+ ≤ VCC,
SREF1 = 1, SREF0 = 0
2.2 V/3 V
±1
μA
IVeREF+
Static input current into VeREF+
0V ≤VeREF+ ≤ VCC -- 0.15V ≤ 3V
SREF1=1,SREF0=1(seeNote3)
2.2 V/3 V
0
μA
IVeREF--
Static input current into VeREF--
0V ≤ VeREF-- ≤ VCC
2.2 V/3 V
±1
μA
NOTES: 1. The external reference is used during conversion to charge and discharge the capacitance array. The input capacitance, CI,isalso
the dynamic load for an external reference during conversion. The dynamic impedance of the reference supply should follow the
recommendations on analog-source impedance to allow the charge to settle for 10-bit accuracy.
2. The accuracy limits the minimum positive external reference voltage. Lower reference voltage levels may be applied with reduced
accuracy requirements.
3. Under this condition the external reference is internally buffered. The reference buffer is active and requires the reference buffer
supply current IREFB. The current consumption can be limited to the sample and conversion period with REBURST = 1.
4. The accuracy limits the maximum negative external reference voltage. Higher reference voltage levels may be applied with reduced
accuracy requirements.
5. The accuracy limits the minimum external differential reference voltage. Lower differential reference voltage levels may be applied
with reduced accuracy requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com