công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 245 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 245 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 241Page - Renesas Technology Corp H8S/2437 Datasheet HTML 242Page - Renesas Technology Corp H8S/2437 Datasheet HTML 243Page - Renesas Technology Corp H8S/2437 Datasheet HTML 244Page - Renesas Technology Corp H8S/2437 Datasheet HTML 245Page - Renesas Technology Corp H8S/2437 Datasheet HTML 246Page - Renesas Technology Corp H8S/2437 Datasheet HTML 247Page - Renesas Technology Corp H8S/2437 Datasheet HTML 248Page - Renesas Technology Corp H8S/2437 Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 746 page
background image
Rev. 1.00, 09/03, page 207 of 704
7.12.4
Pin Functions
The relationship between register setting values and pin functions is as follows.
• PB7/TMI1_0/HSYNCI_0
According to the setting of the PB7DDR bit, the pin function is switched as shown below.
When the external clock is selected by the CKS2 to CKS0 bits in TCR of the TMR1_0, this pin
functions as the TMCI1_0 input pin. When the CCLR1 and CCLR0 bits in TCR of the
TMR1_0 are all set to 1, this pin functions as the TMRI1_0 input pin. When the SIMOD1 bit
(IHI signal) in TCONRI of the timer connection_0 is set to 1, this pin functions as the
HSYNCI_0 input pin.
PB7DDR
0
1
PB7 input pin
PB7 output pin
TMI1_0 input pin
Pin function
HSYNCI_0 input pin
• PB6/FTIA_0/VSYNCI_0
According to the setting of the PB6DDR bit, the pin function is switched as shown below.
When the ICIAE bit in TIER of the FRT_0 is set to 1, this pin functions as the FTIA_0 input
pin. When the SIMOD1 and SIMOD0 bits (IVI signal) in TCONRI of the timer connection_0
are all set to 1, this pin functions as the VSYNCI_0 input pin.
PB6DDR
0
1
PB6 input pin
PB6 output pin
FTIA_0 input pin
Pin function
VSYNCI_0 input pin
• PB5/FTID_0/CSYNCI_0
According to the setting of the PB5DDR bit, the pin function is switched as shown below.
When the ICIDE bit in TIER of the FRT_0 is set to 1, this pin functions as the FTID_0 input
pin. When the SIMOD1 and SIMOD0 bits (IHI signal) in TCONRI of the timer connection_0
are set to 01, this pin functions as the CSYNCI_0 input pin.
PB5DDR
0
1
PB5 input pin
PB5 output pin
FTID_0 input pin
Pin function
CSYNCI_0 input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com