công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 203 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 203 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 199Page - Renesas Technology Corp H8S/2437 Datasheet HTML 200Page - Renesas Technology Corp H8S/2437 Datasheet HTML 201Page - Renesas Technology Corp H8S/2437 Datasheet HTML 202Page - Renesas Technology Corp H8S/2437 Datasheet HTML 203Page - Renesas Technology Corp H8S/2437 Datasheet HTML 204Page - Renesas Technology Corp H8S/2437 Datasheet HTML 205Page - Renesas Technology Corp H8S/2437 Datasheet HTML 206Page - Renesas Technology Corp H8S/2437 Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 746 page
background image
Rev. 1.00, 09/03, page 165 of 704
P46DDR
0
1
PW2S
0
1
OE2
0
1
P46 input pin
P46 output pin
P46 output pin
PW2 output pin
TMIX_0 (TMCIX/TMRIX) input pin
Pin function
IRQ6 input pin*
Note:
*
When the IRQ6S bit in PTCNT1 is cleared to 0, this pin functions as the
IRQ6 input pin.
• P45/IRQ5/TMI0_0/ExPW1
When the IRQ5S bit in PTCNT1 is cleared to 0, this pin can be used as an
IRQ5 pin.
When the PW1S bit in PTCNT0 is set to 1, this pin can be used as an ExPW1 pin.
The pin function is switched as shown below according to the combination of the OE1 bit in
PWOER of the PWM, the IRQ5S bit, the PW1S bit, and the P45DDR bit.
When the external clock is selected by the CKS2 to CKS0 bits in TCR of the TMR0_0, this pin
functions as a TMCI0 input pin. When the CCLR1 and CCLR0 bits in TCR of the TMR0_0
are both set to 1, this pin functions as a TMRI0 input pin.
P45DDR
0
1
PW1S
0
1
OE1
0
1
P45 input pin
P45 output pin
P45 output pin
PW1 output pin
TMI0_0 (TMCI0/TMRI0) input pin
Pin function
IRQ5 input pin*
Note:
*
When the IRQ5S bit in PTCNT1 is cleared to 0, this pin functions as the
IRQ5 input pin.
• P44/IRQ4/TMIY_1/ExPW0
When the IRQ4S bit in PTCNT1 is cleared to 0, this pin can be used as an
IRQ4 pin.
When the PW0S bit in PTCNT0 is set to 1, this pin can be used as an ExPW0 pin.
The pin function is switched as shown below according to the combination of the OE0 bit in
PWOER of the PWM, the IRQ4S bit, the PW0S bit, and the P44DDR bit.
When the external clock is selected by the CKS2 to CKS0 bits in TCR of the TMRY_1, this
pin functions as a TMCIY input pin. When the CCLR1 and CCLR0 bits in TCR of the
TMRY_1 are both set to 1, this pin functions as a TMRIY input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com